Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTST Datasheet(PDF) 1 Page - Samtec, Inc

Part # HTST
Description  SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

HTST Datasheet(HTML) 1 Page - Samtec, Inc

  HTST Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
- 1 NO.PINS
PER ROW
- LEAD
STYLE
- PLATING
OPTION
- ROW
OPTION
- OTHER
OPTION
TST
= Cable Strip
HTST
= High Temp
Cable Strip
05, 07, 08, 10,
12, 13, 15, 17,
20, 25, 32, 36
(Standard sizes)
Specify
LEAD
STYLE
from
chart
–F
= Gold flash
on post,
Matte Tin
on tail
(Not available
on –DV)
–L
= 10 µ"
(0.25 µm)
Gold on post,
Matte Tin
on tail
–T
= Matte Tin
–D
= Double Row
Through-hole
(lead style –01,
–02 & –03 only)
–DV
= Double Row
Surface Mount
(lead style
–01 only)
(HTST only)
–D–RA
= Double Row
Right-angle
(lead style –04
& –05 only)
Surface Mount
(lead style
–01 only)
(HTST only)
–P
= Pick &
Place Pad
–TR
= Tape & Reel
–FR
= Full Reel
Tape & Reel
(must order max.
quantity per reel;
contact Samtec
for quantity
breaks)
ZST
- 1 NO.PINS
PER ROW
- LEAD
STYLE
- PLATING
OPTION
- D - BODY
HEIGHT
05, 07, 08, 10,
12, 13, 15, 17,
20, 25, 32, 36
(Standard sizes)
Specify
LEAD
STYLE
from
chart
–F
= Gold flash on post,
Matte Tin on tail
–L
= 10 µ" (0.25 µm)
Gold on post,
Matte Tin on tail
–T
= Matte Tin
–“XXXX”
= Body Height
SPECIFICATIONS
Insulator Material:
TST, ZST=Black Glass
Filled Polyester
HTST=Natural LCP
Insulation Resistance:
5000 MΩ min
Terminal Material:
Phosphor Bronze
Plating:
Au or Sn over
50 µ" (1.27 µm) Ni
Operating Temp Range:
-55 °C to +125 °C with Gold
-55 °C to +105 °C with Tin
Voltage Rating::
425 VAC/600 VDC
PROCESSING
Lead–Free Solderable:
HTST=Yes
TST, ZST= No, Lead Wave only
SMT Lead Coplanarity:
(0.10 mm) .004" max (05-15)
(0.15 mm) .006" max (17-36)*
*(.004" stencil solution
may be available; contact
ipg@samtec.com)
LEAD
STYLE
RIGHT-
ANGLE
(B)
–04
(3.30) .130
–05
(5.84) .230
TST/HTST/ZST
Mates:
HCSD
Note:
Some lengths, styles and
options are non-standard,
non-returnable. ZST is
non-standard, non-returnable.
Note:
For added mechanical stability, Samtec
recommends mechanical board spacers
be used in applications with gold or
selective gold plated connectors. Contact
ipg@samtec.com for more information.
—DV
(HTST ONLY)
—D—RA
—D
—D
—DV
—D—RA
LEAD
STYLE
THROUGH-
HOLE
(A)
–01
(2.92) .115
–02
(4.19) .165
–03
(14.35) .565
Other platings & sizes
Alignment Pins
Single Row
Locking Leads
Polarized
ALSO AVAILABLE
MOQ Required
LEAD
STYLE
C
(OAL)
MAX BODY
HEIGHT
–01
(16.00) .630
(13.72) .540
–02
(18.54) .730
(16.26) .640
–03
(21.08) .830
(18.80) .740
–04
(23.62) .930
(21.34) .840
–05
(26.16) 1.030
(23.88) .940
–06
(28.70) 1.130
(26.42) 1.040
–07
(31.24) 1.230
(28.96) 1.140
–08
(33.78) 1.330
(31.50) 1.240
–09
(36.32) 1.430
34.04) 1.340
SHROUDED.025"SQ
POSTIDCHEADERS
(2.54 mm) .100" PITCH • TST/HTST/ZST SERIES
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
(8.89)
.350
(2.54) .100 x No. of Positions + (5.08) .200
(2.54) .100 x No. of Positions + (7.62) .300
(2.54)
.100
(2.29)
.090
MIN
BODY
HEIGHT
C
(OAL)
(9.27)
.365
(8.89)
.350
A
(2.54) .100 x No. of Positions + (5.08) .200
(2.54) .100 x No. of Positions + (7.62) .300
(9.27)
.365
(10.16)
.400
(11.18) .440
B
F-221 (Rev 22DEC22)
samtec.com?TST, samtec.com?HTST or samtec.com?ZST


Similar Part No. - HTST

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HTST-105-01-F-D-FR SAMTEC-HTST-105-01-F-D-FR Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
HTST-105-01-F-D-P SAMTEC-HTST-105-01-F-D-P Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
HTST-105-01-F-D-RA-FR SAMTEC-HTST-105-01-F-D-RA-FR Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
HTST-105-01-F-D-RA-P SAMTEC-HTST-105-01-F-D-RA-P Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
HTST-105-01-F-D-RA-TR SAMTEC-HTST-105-01-F-D-RA-TR Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
More results

Similar Description - HTST

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MTSW-103-07-T-S-240 SAMTEC-MTSW-103-07-T-S-240 Datasheet
2Mb / 2P
MODIFIED .025 SQ POST HEADERS
TLW-106-06-G-S SAMTEC-TLW-106-06-G-S Datasheet
1Mb / 1P
LOW PROFILE .025" SQ POST HEADERS
TSM-105-01-T-DV-P-TR SAMTEC-TSM-105-01-T-DV-P-TR Datasheet
1Mb / 2P
SMT .025" SQ POST HEADER
TSM-125-01-S-DV SAMTEC-TSM-125-01-S-DV Datasheet
1Mb / 2P
SMT .025" SQ POST HEADER
MTLW-104-07-G-S-236 SAMTEC-MTLW-104-07-G-S-236 Datasheet
1Mb / 1P
LOW PROFILE .025" SQ POST HEADERS
ZSS-112-09-S-D-1240 SAMTEC-ZSS-112-09-S-D-1240 Datasheet
706Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
HTST-110-01-SM-DV SAMTEC-HTST-110-01-SM-DV Datasheet
433Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
EJH SAMTEC-EJH Datasheet
198Kb / 1P
SHROUDED IDC EJECTOR HEADERS (2.54 mm) .100" PITCH • EJH SERIES
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
TST-110-01-F-D SAMTEC-TST-110-01-F-D Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com