Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA477L Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA477L
Description  Single Phase Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA477L Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA477L Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA477L Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/7
MA477L
Major Power Technology Co., Ltd.
Rev.1.0
15
th, May., 2020
PIN ASSIGNMENT
The package of MA477L is SIP-4L
ORDER / MARKING INFORMATION
Order Information
Top Marking (SIP-4L)
Package Type
MA477L
Packing
XX X
P4 : SIP-4L
Blank: Bag
Y Y WW X
477L
Part number
ID code: internal
WW: 01~52
Year: 20 = 2020
1.10mm
1.9mm
1
VDD
2
DO
3
DOB
(Marking Side)
SIP-4L
4
GND
(Sensor Location)
Name
Description
VDD
Supply Voltage
DO
Output 1
DOB Output 2
GND Ground.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com