Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA479 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA479
Description  Single Phase Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA479 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA479 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA479 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/5
MA479
Major Power Technology Co., Ltd.
Rev.1.1
28
th, Aug., 2019
Single Phase Hall Effect Fan Driver
GENERAL DESCRIPTION
The MA479 is an integrated Hall sensor with H-Bridged output driver designed for
brushless DC motor applications. The device is using HV BCD process includes an on-chip
Hall sensor for magnetic sensing, an amplifier that amplifies the Hall voltage, a comparator to
provide switching hysteresis for noise rejection, a bi-directional drivers for sinking and driving
large current load.
Placing the device in a variable magnetic field, if the magnetic flux density is larger than
threshold BOP, the DO is turned to sink and DOB is turned to drive. This output state is held
until the magnetic flux density reverses and falls below BRP, then causes DO to be turned to
drive and DOB turned to sink. The MA479 is available in SIP-4L package.
FEATURES
-
On-Chip High sensitivity Hall-effect Sensor
-
Operating Voltage: 3.5V to 20V
-
H-Bridge Output Drivers for Single Coil
-
Thermal Shutdown Protection
-
Low Output Switching Current Noise
-
-40°C to 85°C Operating Temperature
-
Low Profile SIP-4L Package
PIN ASSIGNMENT
The package of MA479 is SIP-4L; the pin assignment is given by:
1.10mm
1.9mm
1
VDD
2
DO
3
DOB
(Top View)
SIP-4L
4
GND
(Sensor Location)
Name
Description
VDD
Supply Voltage
DO
Output 1
DOB Output 2
GND Ground.


Similar Part No. - MA479

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA47047 MA-COM-MA47047 Datasheet
446Kb / 6P
Multi Purpose Axial Leaded Glass PIN Diodes
logo
Advanced Semiconductor
MA47080-30 ASI-MA47080-30 Datasheet
11Kb / 1P
SILICON PIN SWITCHING DIODE
logo
Tyco Electronics
MA47100 MACOM-MA47100 Datasheet
210Kb / 11P
Surface Mount Plastic PIN Diodes
MA47110 MACOM-MA47110 Datasheet
210Kb / 11P
Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
MA47110 MA-COM-MA47110 Datasheet
446Kb / 6P
Multi Purpose Axial Leaded Glass PIN Diodes
More results

Similar Description - MA479

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7110 MPOWER-MA7110 Datasheet
531Kb / 9P
Single Phase Hall Effect Smart Fan Driver
MA7130 MPOWER-MA7130 Datasheet
203Kb / 8P
Single Phase Hall Effect Fan Driver
MA477M MPOWER-MA477M Datasheet
119Kb / 2P
Single Phase Hall Effect Fan Driver
MA477F MPOWER-MA477F Datasheet
178Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA477K MPOWER-MA477K Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA477L MPOWER-MA477L Datasheet
116Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA477MM MPOWER-MA477MM Datasheet
174Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA480 MPOWER-MA480 Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA7131 MPOWER-MA7131 Datasheet
122Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA7132 MPOWER-MA7132 Datasheet
139Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com