Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA480 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA480
Description  Single Phase Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA480 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA480 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA480 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/7
MA480
Major Power Technology Co., Ltd.
Rev.1.0
21
th, Jan., 2021
BLOCK DIAGRAM
Regulator
VDD
DOB
DO
GND
H - bridge
MOS Driver
Control
Logic
Thermal
Shutdown
Amp.
Hall
Plate
FG
ORDER / MARKING INFORMATION
Order Information (SIP-4L)
Top Marking (SIP-4L)
Package Type
MA480
Packing
A : Taping
XXX
P4: SIP-4L
Blank: Tube
Y Y WW X
MA480
ID code:internal
WW:01~52
Year:19=2019
Order Information (SOT23-6F)
Top Marking (SOT23-6F)
Package Type
Packing
A : Taping
CP: SOT23-6F
Blank: Bag
MA480X X
X
H
Week: 01~26(A~Z)
27~52(a~z)
Year : 8 = 2018
ID Code: Internal
w Y W X
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
22
V
Reverse VCC Polarity Voltage
VRCC
-30
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
SIP-4L
Continuous
IO
350
mA
Hold
500
Peak (start- up)
800
SOT23-6F
Continuous
IO
330
mA
Hold
500
Peak (start- up)
800



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com