Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54J Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT54J
Description  Schottky barrier single diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54J Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT54J Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54J Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54J Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54J Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54J Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54J Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54J Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54J Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BAT54J
Schottky barrier single diode
1 October 2022
Product data sheet
1. General description
Planar Schottky barrier single diode with an integrated guard ring for stress protection,
encapsulated in a very small and flat lead SOD323F (SC-90) Surface-Mounted Device (SMD)
plastic package.
2. Features and benefits
• Low forward voltage
• Very small and flat lead SMD plastic package
• Low capacitance
• Flat leads: excellent coplanarity and improved thermal behavior
3. Applications
• Voltage clamping
• Line termination
• Reverse polarity protection
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 1 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
320
mV
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
2
1
SC-90 (SOD323F)
aaa-003679
K
A
[1] The marking bar indicates the cathode.


Similar Part No. - BAT54J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
NXP Semiconductors
BAT54J NXP-BAT54J Datasheet
50Kb / 8P
Schottky barrier single diode
Rev. 01 - 8 March 2007
logo
Shenzhen Luguang Electr...
BAT54J LUGUANG-BAT54J Datasheet
387Kb / 3P
Schottky Barrier Diode
logo
Shanghai Shunye Electro...
BAT54J SHUNYE-BAT54J Datasheet
370Kb / 4P
Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
BAT54J BILIN-BAT54J Datasheet
237Kb / 4P
Schottky Barrier Diode
More results

Similar Description - BAT54J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
Single Schottky barrier diode
Rev. 2-8 November 2011
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
Schottky barrier single diode
24 July 2012
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
Single Schottky barrier diode
Rev. 2-8 November 2011
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
Schottky barrier single diode
17 December 2012
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
Schottky barrier single diode
17 December 2012
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
Single Schottky barrier diode
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
Schottky barrier single diode
16 June 2021
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
Schottky barrier single diode
25 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com