Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80-0206-R Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 41Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 42Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 43Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 44Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 45Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 46Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 47Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 48Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 49Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
RSC-4128
Data Sheet
48
P/N 80-0206-R
© 2006 Sensory Inc.
Dimension in mm
Dimension in inch
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
1.60
-
-
0.063
A1
0.05
-
0.15
0.002
-
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.17
0.22
0.27
0.007
0.009
0.011
b1
0.17
0.20
0.23
0.007
0.008
0.009
c
0.09
-
0.20
0.004
-
0.008
c1
0.09
-
0.16
0.004
-
0.006
D
15.85
16.00
16.15
0.624
0.630
0.636
D1
13.90
14.00
14.10
0.547
0.551
0.555
E
15.85
16.00
16.15
0.624
0.630
0.636
E1
13.90
14.00
14.10
0.547
0.551
0.555
0.50 BSC
0.20 BSC
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 REF
0.039 BSC
R1
0.08
-
-
0.003
-
-
R2
0.08
-
0.20
0.003
-
0.008
S
0.20
-
-
0.008
-
-
3.5º
3.5º
1
-
-
-
-
2
12º TYP
12º TYP
3
12º TYP
12º TYP
Notes:
A.
All linear dimensions are in millimeters.
B.
This drawing is subject to change without notice.
C.
Falls within JEDEC MS-026 BBC
Ordering Information
Part
Shipping P/N
Description
RSC-4128 Die
(ROM specific)
Tested, Singulated RSC-4128 die in waffle pack
RSC-4128 100LQFP
(ROM specific)
RSC-4128 100 pin 14 x 14 x 1.4 mm LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com