Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT760 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT760
Description  Medium power Schottky barrier single diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT760 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT760 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT760 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT760 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT760 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT760 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT760 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT760 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT760 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAT760
Medium power Schottky barrier single diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAT760
SOD323
plastic, surface-mounted package; 2 leads; 1.3 mm pitch;
1.7 mm x 1.25 mm x 0.95 mm body
SOD323
7. Marking
Table 4. Marking codes
Type number
Marking code
BAT760
A4
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
20
V
IF
forward current
-
1
A
IFSM
non-repetitive peak
forward current
half sine-wave pulse; tp ≤ 8.3 ms; JEDEC
method
-
5
A
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
-65
125
°C
Tstg
storage temperature
-65
150
°C
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
220
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[2]
-
-
180
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for cathode 10 x 10 mm².
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 40 x 40 mm².
BAT760
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com