Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX55 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BCX55
Description  NPN medium power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCX55 Datasheet(HTML) 1 Page - NXP Semiconductors

  BCX55 Datasheet HTML 1Page - NXP Semiconductors BCX55 Datasheet HTML 2Page - NXP Semiconductors BCX55 Datasheet HTML 3Page - NXP Semiconductors BCX55 Datasheet HTML 4Page - NXP Semiconductors BCX55 Datasheet HTML 5Page - NXP Semiconductors BCX55 Datasheet HTML 6Page - NXP Semiconductors BCX55 Datasheet HTML 7Page - NXP Semiconductors BCX55 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
NPN medium power transistor series.
[1]
Valid for all available selection groups.
[2]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
I High current
I Two current gain selections
I High power dissipation capability
1.3 Applications
I Linear voltage regulators
I Low side switches
I MOSFET drivers
I Amplifiers
1.4 Quick reference data
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
Rev. 07 — 4 June 2007
Product data sheet
Table 1.
Product overview
Type number[1]
Package
PNP complement
NXP
JEITA
JEDEC
BC635[2]
SOT54
SC-43A
TO-92
BC636
BCP54
SOT223
SC-73
-
BCP51
BCX54
SOT89
SC-62
TO-243
BCX51
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
1.5
A
hFE
DC current gain
VCE =2V; IC = 150 mA
63
-
250
hFE selection -10
VCE =2V; IC = 150 mA
63
-
160
hFE selection -16
VCE =2V; IC = 150 mA
100
-
250


Similar Part No. - BCX55

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX55 SIEMENS-BCX55 Datasheet
146Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Central Semiconductor C...
BCX55 CENTRAL-BCX55 Datasheet
103Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX55 INFINEON-BCX55 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Jul-10-2001
logo
Zetex Semiconductors
BCX55 ZETEX-BCX55 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Guangdong Kexin Industr...
BCX55 KEXIN-BCX55 Datasheet
53Kb / 2P
NPN Medium Power Transistors
More results

Similar Description - BCX55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
NPN medium power transistors
1997 May 12
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
NPN medium power transistors
1997 Apr 23
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
NPN medium power transistors
17-Jul-2006
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
NPN medium power transistors
04-Apr-2008
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
NPN medium power transistors
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
NPN Medium Power Transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
NPN Medium Power Transistors
14-DEC-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com