Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX71G Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCX71G
Description  PNP general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCX71G Datasheet(HTML) 3 Page - NXP Semiconductors

  BCX71G Datasheet HTML 1Page - NXP Semiconductors BCX71G Datasheet HTML 2Page - NXP Semiconductors BCX71G Datasheet HTML 3Page - NXP Semiconductors BCX71G Datasheet HTML 4Page - NXP Semiconductors BCX71G Datasheet HTML 5Page - NXP Semiconductors BCX71G Datasheet HTML 6Page - NXP Semiconductors BCX71G Datasheet HTML 7Page - NXP Semiconductors BCX71G Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 20
3
Philips Semiconductors
Product specification
PNP general purpose transistors
BCX71 series
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −45 V
−−−20
nA
IE = 0; VCB = −45 V; Tamb = 150 °C
−−−20
µA
IEBO
emitter cut-off current
IC = 0; VEB = −4V
−−−20
nA
hFE
DC current gain
IC = −10 µA; VCE = −5V
BCX71G
−−−
BCX71H
30
−−
BCX71J
40
−−
BCX71K
100
−−
DC current gain
IC = −2 mA; VCE = −5V
BCX71G
120
−
220
BCX71H
180
−
310
BCX71J
250
−
460
BCX71K
380
−
630
DC current gain
IC = −50 mA; VCE = −1 V; note 1
BCX71G
60
−−
BCX71H
80
−−
BCX71J
100
−−
BCX71K
110
−−
VCEsat
collector-emitter saturation
voltage
IC = −10 mA; IB = −0.25 mA
−60
−−250
mV
IC = −50 mA; IB = −1.25 mA; note 1
−120
−−550
mV
VBEsat
base-emitter saturation
voltage
IC = −10 mA; IB = −0.25 mA
−600
−−850
mV
IC = −50 mA; IB = −1.25 mA; note 1
−680
−−1050 mV
VBE
base-emitter voltage
IC = −2 mA; VCE = −5V
−600
−650
−750
mV
IC = −10 µA; VCE = −5V
−−550
−
mV
IC = −50 mA; VCE = −1 V; note 1
−−720
−
mV
Cc
collector capacitance
IE =Ie = 0; VCB = −10 V; f = 1 MHz
−
4.5
−
pF
Ce
emitter capacitance
IC =Ic = 0; VEB = −0.5 V; f = 1 MHz
−
11
−
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz 100
−−
MHz
F
noise figure
IC = −200 µA; VCE = −5 V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
−
26dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com