Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9460 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9460 Datasheet HTML 5Page - Analog Devices AD9460 Datasheet HTML 6Page - Analog Devices AD9460 Datasheet HTML 7Page - Analog Devices AD9460 Datasheet HTML 8Page - Analog Devices AD9460 Datasheet HTML 9Page - Analog Devices AD9460 Datasheet HTML 10Page - Analog Devices AD9460 Datasheet HTML 11Page - Analog Devices AD9460 Datasheet HTML 12Page - Analog Devices AD9460 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9460
Rev. 0 | Page 9 of 32
Pin No.
Mnemonic
Description
10
REFT
Differential Reference Output. Decoupled to ground with 0.1 μF capacitor and to REFB
(Pin 11) with 0.1 μF and 10 μF capacitors.
11
REFB
Differential Reference Output. Decoupled to ground with a 0.1 μF capacitor and to REFT
(Pin 10) with 0.1 μF and 10 μF capacitors.
12 to 17, 25 to 31, 35, 37
AVDD2
5.0 V Analog Supply (±5%).
22
VIN+
Analog Input—True.
23
VIN−
Analog Input—Complement.
40
CLK+
Clock Input—True.
41
CLK−
Clock Input—Complement.
47, 63, 75, 87
DRGND
Digital Output Ground.
48, 64, 76, 88
DRVDD
3.3 V Digital Output Supply (3.0 V to 3.6 V).
49
D0− (LSB)
D0 Complement Output Bit (LVDS Levels).
50
D0+
D0 True Output Bit.
51
D1−
D1 Complement Output Bit.
52
D1+
D1 True Output Bit.
53
D2−
D2 Complement Output Bit.
54
D2+
D2 True Output Bit.
55
D3−
D3 Complement Output Bit.
56
D3+
D3 True Output Bit.
57
D4−
D4 Complement Output Bit.
58
D4+
D4 True Output Bit.
59
D5−
D5 Complement Output Bit.
60
D5+
D5 True Output Bit.
61
D6−
D6 Complement Output Bit.
62
D6+
D6 True Output Bit.
65
D7−
D7 Complement Output Bit.
66
D7+
D7 True Output Bit.
67
DCO−
Data Clock Output—Complement.
68
DCO+
Data Clock Output—True.
69
D8−
D8 Complement Output Bit.
70
D8+
D8 True Output Bit.
71
D9−
D9 Complement Output Bit.
72
D9+
D9 True Output Bit.
73
D10−
D10 Complement Output Bit.
74
D10+
D10 True Output Bit.
77
D11−
D11 Complement Output Bit.
78
D11+
D11 True Output Bit.
79
D12−
D12 Complement Output Bit.
80
D12+
D12 True Output Bit.
81
D13−
D13 Complement Output Bit.
82
D13+
D13 True Output Bit.
83
D14−
D14 Complement Output Bit.
84
D14+
D14 True Output Bit.
85
D15−
D15 Complement Output Bit.
86
D15+ (MSB)
D15 True Output Bit.
89
OR−
Out-of-Range Complement Output Bit.
90
OR+
Out-of-Range True Output Bit.
100
SFDR
SFDR Control Pin. CMOS-compatible control pin for optimizing the configuration of the
AD9460 analog front end. Connecting SFDR to AGND optimizes SFDR performance for
applications with analog input frequencies <200 MHz for 80 MSPS and 105 MSPS speed
grades. For applications with analog inputs >200 MHz, connect this pin to AVDD1 for
optimum SFDR performance; power dissipation from AVDD2 increases by ~70 mW for the
AD9460BSVZ-80 and ~20 mW for the AD9460BSVZ-105.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com