Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3301 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG3301
Description  Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3301 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG3301 Datasheet HTML 9Page - Analog Devices ADG3301 Datasheet HTML 10Page - Analog Devices ADG3301 Datasheet HTML 11Page - Analog Devices ADG3301 Datasheet HTML 12Page - Analog Devices ADG3301 Datasheet HTML 13Page - Analog Devices ADG3301 Datasheet HTML 14Page - Analog Devices ADG3301 Datasheet HTML 15Page - Analog Devices ADG3301 Datasheet HTML 16Page - Analog Devices ADG3301 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG3301
Rev. 0 | Page 13 of 20
90%
VEN
VY/VA
tEN1
VA/VY
VCCA
0V
VCCA/VCCY
0V
VCCY/VCCA
0V
10%
VEN
VY/VA
tEN2
VA/VY
VCCA
0V
0V
VCCY/VCCA
0V
NOTE:
tEN IS THE LARGEST OF tEN1 AND tEN2 IN BOTH A→Y AND Y→A DIRECTIONS.
SIGNAL SOURCE
VEN
RT
50
Ω
VA
ADG3301
EN
GND
RS
50
Ω
0.1
µF
VCCA
A
1M
Ω
VY
50pF
1M
Ω
VCCY
Y
K2
Z0 = 50Ω
K1
10
µF
+
0.1
µF
10
µF
+
A
→Y DIRECTION
SIGNAL SOURCE
VEN
RT
50
Ω
1M
Ω
VA
15pF
ADG3301
EN
GND
RS
50
Ω
0.1
µF
1M
Ω
VCCA
A
VY
VCCY
Y
K2
Z0 = 50Ω
K1
10
µF
+
0.1
µF
10
µF
+
Y
→A DIRECTION
VCCA/VCCY
Figure 34. Enable Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com