Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB632 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 10Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 11Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 12Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 13Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 14Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 15Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 16Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
Boot
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
13
5.7
I2C Clocking
The MSC8103 I
2C interface accesses the serial EPROM using a clock frequency derived by dividing the core
frequency by 4000. This division sets the I2C clock to 75 KHz or less, a clock frequency that most EPROMs
support. If the MSC8103 I2C gets an NAK during transmission, that is, the EPROM does not respond to the address
asserted by MSC8103, the boot loader stops execution. If the software watchdog timer is enabled, the counter will
eventually expire causing a system reset. After reset, the bootloading process restarts.
5.8
Reset Configuration Word
The only reset configuration mode that can be used while serial boot mode is enabled is reduced configuration
word. In the reduced configuration word, only the NMI_OUT, ISB, SWDIS, and DLLDIS fields can be set. For
details, see Section 4.1.2.
5.9
Default Programming During Boot
The bootloader routine provides default programming for parts of the MSC8103. The routine programs the UPMC
and the GPCM as required to support the internal SRAM and peripherals. The UPMC is programmed to support
the bus-to-CPM clock ratio. The routine checks the value of the SCMR[BUSDF] bits and selects the bus-to-CPM
clock ratio. The routine also programs the correct values for the ELIR[A–F] registers in the programmable interrupt
controller (PIC) to determine the interrupt mode (edge-triggered or level-triggered).
5.10 Multi-Processor Booting from a Serial EPROM
The I
2C protocol supports multi-master environments. All MSC8103 booting devices act as I2C masters and try to
access the serial EPROM. The first 14 bytes of the serial EPROM are reserved for an address table. Each master
accesses a different entry in the table according to its ISB[0–2] bits in the IMMR, allowing seven I2C masters in the
system. Each entry in the table contains the actual address where the boot program resides in the 2-byte increments.
The master accesses the table, reads the boot location address, and starts loading boot from there.If two or more
masters try to put information onto the bus, the first to produce a 1 when another produces a 0 loses the arbitration
(collision). If a collision occurs, the master that loses the arbitration retries.
Note:
If there are less than seven masters and not all 14 bytes of the table are needed, the boot code can start
inside the first 14 bytes of the table.
A MSC8103 I
2C master should access a table entry equal to its ISB[0–2] value multiplied by two. The bootloading
process always starts by accessing the address table. In a single master environment, the boot code may start
immediately after the address entry.
Note:
During the booting process, multiple masters should not address each other. There is no support for multi-
master errors.
5.11 Boot Code Changes
The boot code for the 2K87M mask set supports the I2C protocol. In addition, the code reflects changes in the
device design that fix a host checksum errata, make the SRAM base address ISB dependent, and allow the software
watchdog timer to be enabled or disabled via software. For a detailed listing of the updated boot code, see
Appendix A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com