Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16201/PCB Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 1 Page - Analog Devices

  ADIS16201/PCB Datasheet HTML 1Page - Analog Devices ADIS16201/PCB Datasheet HTML 2Page - Analog Devices ADIS16201/PCB Datasheet HTML 3Page - Analog Devices ADIS16201/PCB Datasheet HTML 4Page - Analog Devices ADIS16201/PCB Datasheet HTML 5Page - Analog Devices ADIS16201/PCB Datasheet HTML 6Page - Analog Devices ADIS16201/PCB Datasheet HTML 7Page - Analog Devices ADIS16201/PCB Datasheet HTML 8Page - Analog Devices ADIS16201/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Programmable Dual-Axis
Inclinometer/Accelerometer
Data Sheet
ADIS16201
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual-axis inclinometer/accelerometer measurements
12-, 14-bit digital inclination/acceleration sensor outputs
±1.7 g accelerometer measurement range
±90° inclinometer measurement range, linear output
12-bit digital temperature sensor output
Digitally controlled sensitivity and bias calibration
Digitally controlled sample rate
Digitally controlled frequency response
Dual alarm settings with rate/threshold limits
Auxiliary digital I/O
Digitally activated self test
Digitally activated low power mode
SPI®-compatible serial interface
Auxiliary 12-bit ADC input and DAC output
Single-supply operation: 3.0 V to +3.6 V
3500 g powered shock survivability
APPLICATIONS
Platform control, stabilization, and leveling
Tilt sensing, inclinometers
Motion/position measurement
Monitor/alarm devices (security, medical, safety)
FUNCTIONAL BLOCK DIAGRAM
SCLK
DIN
DOUT
CS
RST
DIO0 DIO1
SPI
PORT
TEMPERATURE
SENSOR
SELF-TEST
POWER
MANAGEMENT
AUXILIARY
I/O
ALARMS
DIGITAL
CONTROL
SIGNAL
CONDITIONING
AND
CONVERSION
CALIBRATION
AND
DIGITAL
PROCESSING
ADIS16201
VDD
COM
AUX
ADC
AUX
DAC VREF
DUAL-AXIS
ACCELEROMETER
Figure 1.
GENERAL DESCRIPTION
The ADIS16201 is a complete, dual-axis acceleration and
inclination angle measurement system available in a single
compact package enabled by the Analog Devices iSensor™
integration. By enhancing the Analog Devices iMEMS® sensor
technology with an embedded signal processing solution, the
ADIS16201 provides factory calibrated and tunable digital
sensor data in a convenient format that can be accessed using a
serial peripheral interface (SPI). The SPI interface provides
access to measurements for dual-axis linear acceleration, dual-
axis linear inclination angle, temperature, power supply, and
one auxiliary analog input. Easy access to calibrated digital
sensor data provides developers with a system-ready device,
reducing development time, cost, and program risk.
Unique characteristics of the end system are accommodated
easily through several built-in features, such as a single
command in-system offset calibration, along with convenient
sample rate and bandwidth control.
The ADIS16201 offers the following embedded features, which
eliminate the need for external circuitry and provide a simplified
system interface:
Configurable alarm function
Auxiliary 12-bit ADC
Auxiliary 12-bit DAC
Configurable digital I/O port
Digital self-test function
The ADIS16201 offers two power management features for
managing system-level power dissipation: low power mode and
a configurable shutdown feature.
The ADIS16201 is available in a 9.2 mm × 9.2 mm × 3.9 mm
laminate-based land grid array (LGA) package with a
temperature range of −40°C to +125°C.


Similar Part No. - ADIS16201/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
819Kb / 9P
iSensor??PC Evaluation System
ADIS16201 AD-ADIS16201 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201 Datasheet
103Kb / 4P
Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
ADIS16201CCCZ AD-ADIS16201CCCZ Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
More results

Similar Description - ADIS16201/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16204 AD-ADIS16204 Datasheet
156Kb / 9P
Programmable Dual Axis Digital Accelerometer and Impact Sensor
Aug-2006
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
Dual Axis Accelerometer
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
TDK Electronics
IXZ-500 TDK-IXZ-500 Datasheet
589Kb / 26P
Dual-Axis Gyro
logo
Analog Devices
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com