Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA7080 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7080
Description  Dual-Channel Output Hall Effect Latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7080 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7080 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7080 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/5
MA7080
Major Power Technology Co., Ltd.
Rev.0.4
29
th, Nov., 2021
BLOCK DIAGRAM
Hall
Plate
Control
Logic
Regulator
VDD
OUT1
Amp.
GND
Hall
Plate
Control
Logic
Amp.
OUT2
ORDER / MARKING INFORMATION
Order Information
Top Marking)
Package Type
MA7080
Packing
A : Taping
XXX
P4: SIP-4L
Blank: Bag
YYWWX
7080
Part number
ID code:internal
WW:01~52
Year:19=2019
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
28
V
Reverse VCC Polarity Voltage
VRCC
-28
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
25
mA
Power Dissipation
PD
550
mW
Storage Temperature Range
TSTG
-65 to +150
°C
Thermal Resistance from Junction to Case
θJC
49
°C/W
Thermal Resistance from Junction to Ambient
θJA
227
°C/W
Junction Temperature
TJ
150
°C
Operating Temperature
TO
-40 to 120
°C
Magnetic Signal Input Frequency (note1)
Fsw
0~3
kHz
Note1: Not subject to production test, verified by design/characterization.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com