| Electronic Components Datasheet Search |
|
LP2985-50DBVR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2985-50DBVR Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 41 page ![]() 5 Pin Configuration and Functions V OUT BYPASS 1 2 3 4 5 V IN GND ON/OFF Figure 5-1. DBV Package, 5-Pin SOT-23 (Top View) Table 5-1. Pin Functions PIN TYPE DESCRIPTION NAME NO. BYPASS 4 I/O BYPASS pin to achieve low noise performance. Connecting an external capacitor between BYPASS pin and ground reduces reference voltage noise. See the Recommended Operating Conditions section for more information. GND 2 — Ground ON/OFF 3 I Enable pin for the LDO. Driving the ON/OFF pin high enables the device. Driving this pin low disables the device. High and low thresholds are listed in the Electrical Characteristics table. Tie this pin to VIN if unused. VIN 1 I Input supply pin. Use a capacitor with a value of 1 µF or larger from this pin to ground. See the Input and Output Capacitor Requirements section for more information. VOUT 5 O Output of the regulator. Use a capacitor with a value of 2.2 µF or larger from this pin to ground.(1) See the Input and Output Capacitor Requirements section for more information. (1) The nominal output capacitance must be greater than 1 μF. Throughout this document, the nominal derating on these capacitors is 50%. Make sure that the effective capacitance at the pin is greater than 1 μF. www.ti.com LP2985 SLVS522Q – JULY 2004 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 3 Product Folder Links: LP2985 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |