Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-CSM10200C Datasheet(PDF) 2 Page - Leshan Radio Company

Part # S-CSM10200C
Description  Surface Mount Schottky Barrier Rectifiers Reverse Voltage 200V Forward Current 10.0A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S-CSM10200C Datasheet(HTML) 2 Page - Leshan Radio Company

  S-CSM10200C Datasheet HTML 1Page - Leshan Radio Company S-CSM10200C Datasheet HTML 2Page - Leshan Radio Company S-CSM10200C Datasheet HTML 3Page - Leshan Radio Company S-CSM10200C Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.ELECTRICAL CHARACTERISTICS CURVES
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Characteristics
0
25
50
75 100 125 150 175
1
10
100
0.4
0.5
0.6
0.7
0.8
1.0
0.1
10
100
1000
100
10
10
1.0
0.1
0.01
100
10.0
5.0
0
200
100
0
60 Hz
Resistive or Inductive Load
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig=50mVp-p
Case Temperature, °C
Fig 3. – Typical Instantaneous Forward
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Fig 5. – Typical Junction Capacitance
Percent of Rated Peak Reverse Voltage (%)
1
Reverse Voltage (V)
0.1
0
20
40
60
80
100
10
100
1.0
Tj=100
℃
Tj=75
℃
Tj=25
℃
1000
S-CSM10200C
Schottky Barrier Rectifiers
Leshan Radio Company, LTD.
2/3
Rev.A Dec. 2021



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com