Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461AARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADT7461AARMZ
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461AARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADT7461AARMZ Datasheet HTML 12Page - Analog Devices ADT7461AARMZ Datasheet HTML 13Page - Analog Devices ADT7461AARMZ Datasheet HTML 14Page - Analog Devices ADT7461AARMZ Datasheet HTML 15Page - Analog Devices ADT7461AARMZ Datasheet HTML 16Page - Analog Devices ADT7461AARMZ Datasheet HTML 17Page - Analog Devices ADT7461AARMZ Datasheet HTML 18Page - Analog Devices ADT7461AARMZ Datasheet HTML 19Page - Analog Devices ADT7461AARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADT7461A
Rev. A | Page 16 of 24
3.
When all data bytes have been read or written, stop
conditions are established. In write mode, the master pulls
the data line high during the tenth clock pulse to assert a
stop condition. In read mode, the master device overrides
the acknowledge bit by pulling the data line high during
the low period before the ninth clock pulse. This is known
as no acknowledge. The master takes the data line low
during the low period before the tenth clock pulse, then
high during the tenth clock pulse to assert a stop condition.
Any number of bytes of data are transferable over the serial bus
in one operation, but it is not possible to mix read and write in
one operation because the type of operation is determined at
the beginning and cannot subsequently be changed without
starting a new operation. For the ADT7461A, write operations
contain either one or two bytes, while read operations contain
one byte.
To write data to one of the device data registers, or to read data
from it, the address pointer register must be set so that the
correct data register is addressed. The first byte of a write
operation always contains a valid address that is stored in the
address pointer register. If data is to be written to the device, the
write operation contains a second data byte that is written to the
register selected by the address pointer register.
This procedure is illustrated in Figure 16. The device address is
sent over the bus followed by R/W set to 0. This is followed by
two data bytes. The first data byte is the address of the internal
data register to be written to, which is stored in the address
pointer register. The second data byte is the data to be written to
the internal data register.
D7
D6
D5
D4
D3
D2
D1
D0
FRAME 3
DATA BYTE
ACK. BY
ADT7461A
STOP BY
MASTER
SDATA (CONTINUED)
SCLK (CONTINUED)
FRAME 1
SERIAL BUS ADDRESS BYTE
ACK. BY
ADT7461A
SDATA
SCLK
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A3
A2
A1
A0
R/W
ACK. BY
ADT7461A
1
1
9
9
1
9
Figure 16. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
FRAME 1
SERIAL BUS ADDRESS BYTE
ACK. BY
ADT7461A
SDATA
SCLK
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A3
A2
A1
A0
R/W
ACK. BY
ADT7461A
1
1
9
9
STOP BY
MASTER
Figure 17. Writing to the Address Pointer Register Only
FRAME 1
SERIAL BUS ADDRESS BYTE
ACK. BY
ADT7461A
SDATA
SCLK
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A3
A2
A1
A0
R/W
ACK. BY
ADT7461A
1
1
9
9
STOP BY
MASTER
Figure 18. Reading from a Previously Selected Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com