Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56366 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366 Datasheet(HTML) 1 Page - NXP Semiconductors

  DSP56366 Datasheet HTML 1Page - NXP Semiconductors DSP56366 Datasheet HTML 2Page - NXP Semiconductors DSP56366 Datasheet HTML 3Page - NXP Semiconductors DSP56366 Datasheet HTML 4Page - NXP Semiconductors DSP56366 Datasheet HTML 5Page - NXP Semiconductors DSP56366 Datasheet HTML 6Page - NXP Semiconductors DSP56366 Datasheet HTML 7Page - NXP Semiconductors DSP56366 Datasheet HTML 8Page - NXP Semiconductors DSP56366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
© Freescale Semiconductor, Inc., 2000, 2001, 2002, 2003, 2004, 2005, 2006, 2007.
All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Document Number: DSP56366
Rev. 3.1, 1/2007
1
Overview
The DSP56366 supports digital audio applications
requiring sound field processing, acoustic equalization,
and other digital audio algorithms. The DSP56366 uses
the high performance, single-clock-per-cycle DSP56300
core family of programmable CMOS digital signal
processors (DSPs) combined with the audio signal
processing capability of the Freescale Symphony™ DSP
family, as shown in Figure 1-1. This design provides a
two-fold performance increase over Freescale’s popular
56000 Symphony family of DSPs while retaining code
compatibility. Significant architectural enhancements
include a barrel shifter, 24-bit addressing, instruction
cache, and direct memory access (DMA). The
DSP56366 offers 120 million instructions per second
(MIPS) using an internal 120 MHz clock at 3.3 V.
DSP56366
24-Bit Audio Digital Signal Processor
Contents
1 Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-1
2 Signal/Connection Descriptions . . . . . . . . . 2-1
3 Specifications . . . . . . . . . . . . . . . . . . . . . . . . 3-1
4 Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-1
5 Design Considerations . . . . . . . . . . . . . . . . 5-1
6 Ordering Information . . . . . . . . . . . . . . . . . . 6-1
A Power Consumption Benchmark . . . . . . . . A-1


Similar Part No. - DSP56366

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56366 MOTOROLA-DSP56366 Datasheet
230Kb / 25P
Digital Signal Processor
logo
Freescale Semiconductor...
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSP56366P FREESCALE-DSP56366P Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSP56366UM FREESCALE-DSP56366UM Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
More results

Similar Description - DSP56366

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56367 FREESCALE-DSP56367 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
DSP56364 FREESCALE-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56364AF100 FREESCALE-DSPB56364AF100 Datasheet
1Mb / 148P
24-Bit Audio Digital Signal Processor
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com