Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9910 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9910
Description  1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 2 Page - Analog Devices

  AD9910 Datasheet HTML 1Page - Analog Devices AD9910 Datasheet HTML 2Page - Analog Devices AD9910 Datasheet HTML 3Page - Analog Devices AD9910 Datasheet HTML 4Page - Analog Devices AD9910 Datasheet HTML 5Page - Analog Devices AD9910 Datasheet HTML 6Page - Analog Devices AD9910 Datasheet HTML 7Page - Analog Devices AD9910 Datasheet HTML 8Page - Analog Devices AD9910 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRELIMINARY TECHNICAL DATA
AD9910
Rev. PrD| Page 2 of 13
TABLE OF CONTENTS
General Description ......................................................................... 3
AD9910—Electrical Specifications ................................................ 4
Absolute Maximum Ratings............................................................ 6
Device Pin Diagram ......................................................................... 7
Pin Description & Nomenclature................................................... 8
Modes of Operation ....................................................................... 10
Single-Tone Mode ...................................................................... 10
RAM Modulation Mode............................................................ 11
Linear Ramp Modulation Mode............................................... 11
Parallel Data Port Modulation Mode ...................................... 12
REVISION HISTORY
Revision PrA: Initial Preliminary for PSD1
Revision PrB: Update for Initial Silicon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com