Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZB984 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BZB984
Description  Voltage regulator double diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BZB984 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BZB984 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BZB984 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BZB984 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BZB984 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BZB984 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BZB984 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BZB984 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BZB984 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BZB984 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
BZB984 series
Voltage regulator double diodes
5. Pinning information
Table 2. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K1
cathode 1
2
K2
cathode 2
3
CA
common anode
1
2
3
aaa-033766
K1
K2
CA
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BZB984-C2V4 to
BZB984-C15 [1]
-
plastic surface-mounted package; 3 leads
SOT663
[1] The series consists of 20 types with nominal working voltages from 2.4 V to 15 V.
7. Marking
Table 4. Marking codes
Type number
Marking
code
Type number
Marking
code
Type number
Marking
code
Type number
Marking
code
BZB984-C2V4
91
BZB984-C3V9
96
BZB984-C6V2 9B
BZB984-C10
9G
BZB984-C2V7
92
BZB984-C4V3
97
BZB984-C6V8 9C
BZB984-C11
9H
BZB984-C3V0
93
BZB984-C4V7
98
BZB984-C7V5 9D
BZB984-C12
9J
BZB984-C3V3
94
BZB984-C5V1
99
BZB984-C8V2 9E
BZB984-C13
9K
BZB984-C3V6
95
BZB984-C5V6
9A
BZB984-C9V1 9F
BZB984-C15
9L
BZB984_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 27 December 2022
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com