Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPZR Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # HPZR
Description  4.1 W high power voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

HPZR Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  HPZR Datasheet HTML 1Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 2Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 3Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 4Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 5Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 6Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 7Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 8Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
HPZR series
4.1 W high power voltage regulator diodes
5. Pinning information
Table 2. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
[1]
2
A
anode
2
1
006aaa152
A
K
[1] The marking bar indicates the cathode.
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
HPZR series
CFP3
plastic, surface mounted package; 2 terminals; 2.6
mm x 1.7 mm x 1 mm body
SOD123W
7. Marking
Table 4. Marking codes
Type number
Marking
code
Type number
Marking
code
Type number
Marking
code
HPZR-C5V6
LM
HPZR-C15
M3
HPZR-C39
MF
HPZR-C6V7
LN
HPZR-C17
M4
HPZR-C42
MG
HPZR-C7V0
LP
HPZR-C18
M5
HPZR-C47
MH
HPZR-C7V6
LR
HPZR-C19
M6
HPZR-C50
MJ
HPZR-C8V2
LS
HPZR-C20
M7
HPZR-C53
MK
HPZR-C8V8
LT
HPZR-C21
M8
HPZR-C56
ML
HPZR-C9V4
LU
HPZR-C23
M9
HPZR-C60
MM
HPZR-C10
LV
HPZR-C26
MA
HPZR-C63
MN
HPZR-C11
LW
HPZR-C28
MB
HPZR-C68
MP
HPZR-C12
LX
HPZR-C30
MC
HPZR-C70
MR
HPZR-C13
LY
HPZR-C33
MD
HPZR-C75
MS
HPZR-C14
M2
HPZR-C35
ME
-
-
HPZR_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 4 — 10 March 2023
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com