Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7761AARS-RL Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7761AARS-RL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761AARS-RL Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7761AARS-RL Datasheet HTML 11Page - Analog Devices ADE7761AARS-RL Datasheet HTML 12Page - Analog Devices ADE7761AARS-RL Datasheet HTML 13Page - Analog Devices ADE7761AARS-RL Datasheet HTML 14Page - Analog Devices ADE7761AARS-RL Datasheet HTML 15Page - Analog Devices ADE7761AARS-RL Datasheet HTML 16Page - Analog Devices ADE7761AARS-RL Datasheet HTML 17Page - Analog Devices ADE7761AARS-RL Datasheet HTML 18Page - Analog Devices ADE7761AARS-RL Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADE7761A
Rev. 0 | Page 15 of 24
)
sin(
2
)
(
0
h
h
h
O
t
h
I
I
t
i
β
+
ω
×
×
+
=
∑
∞
≠
(2)
where:
i(t) is the instantaneous current.
IO is the dc component.
Ih is the rms value of current harmonic h.
βh is the phase angle of the current harmonic.
Using Equation 1 and Equation 2, the active power P can be
expressed in terms of its fundamental active power (P1) and
harmonic active power (PH).
P = P1 + PH
where:
P1 = V1 × I1 cos(Φ1)
Φ1 = α1 − β1
(3)
and
)
cos(
2
∑
∞
=
Φ
×
×
=
h
h
h
h
H
I
V
P
h
h
h
β
−
α
=
Φ
(4)
As can be seen in Equation 4, a harmonic active power component
is generated for every harmonic provided that the harmonic is
present in both the voltage and current waveforms. The power
factor calculation was previously shown to be accurate in the
case of a pure sinusoid; therefore, the harmonic active power
must also correctly account for the power factor because it is
made up of a series of pure sinusoids.
Note that the input bandwidth of the analog inputs is 7 kHz
with an internal oscillator frequency of 450 kHz.
HPF and Offset Effects
Equation 5 shows the effect of offsets on the active power
calculation. Figure 24 shows the effect of offsets on the active
power calculation in the frequency domain.
)
cos(
)
cos(
2
))
cos(
(
))
cos(
(
)
(
)
(
t
I
V
t
I
V
I
V
I
V
t
I
I
t
V
V
t
I
t
V
0
1
1
0
1
1
1
0
1
0
1
0
ω
×
×
+
ω
×
×
+
×
+
×
=
ω
×
+
×
ω
×
+
=
×
(5)
As can be seen in Equation 5 and Figure 24, an offset on Channel 1
and Channel 2 contributes a dc component after multiplication.
Because this dc component is extracted by the LPF and used to
generate the active power information, the offsets contribute a
constant error to the active power calculation. This problem is
easily avoided in the ADE7761A with the HPF in Channel 1. By
removing the offset from at least one channel, no error component
can be generated at dc by the multiplication. Error terms at cos(ωt)
are removed by the LPF and the digital-to-frequency conversion
(see the Digital-to-Frequency Conversion section).
The HPF in Channel 1 has an associated phase response that is
compensated for on-chip. Figure 25 and Figure 26 show the
phase error between channels with the compensation network
activated. The ADE7761A is phase compensated up to 1 kHz as
shown, which ensures a correct active harmonic power calculation
even at low power factors.
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR ACTIVE
POWER CALCULATION
2ω
FREQUENCY (RAD/S)
0
ϖ
V1 × I0
V0 × I1
V1 × I1
2
Figure 24. Effect of Channel Offsets on the Active Power Calculation
FREQUENCY (Hz)
0
100
–0.05
–0.10
0
0.05
0.10
0.15
0.20
0.25
0.30
200
300
400
500
600
700
800
900 1000
Figure 25. Phase Error Between Channels (0 Hz to 1 kHz)
FREQUENCY (Hz)
40
–0.05
–0.10
0.05
0
0.10
0.15
0.20
0.25
0.30
45
50
55
60
65
70
Figure 26. Phase Error Between Channels (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com