Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3732 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC3732
Description  3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3732 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC3732 Datasheet HTML 20Page - Linear Technology LTC3732 Datasheet HTML 21Page - Linear Technology LTC3732 Datasheet HTML 22Page - Linear Technology LTC3732 Datasheet HTML 23Page - Linear Technology LTC3732 Datasheet HTML 24Page - Linear Technology LTC3732 Datasheet HTML 25Page - Linear Technology LTC3732 Datasheet HTML 26Page - Linear Technology LTC3732 Datasheet HTML 27Page - Linear Technology LTC3732 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC3732
3732f
LT/TP 0503 1K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2002
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1530
High Power Step-Down Synchronous DC/DC Controller
High Efficiency 5V to 3.3V Conversion at Up to 15A, SO-8 Package
LTC1628/LTC1628-PG/
2-Phase, Dual Output Synchronous Step-Down
Reduces CIN and COUT, Power Good Output Signal, Synchronizable,
LTC1628-SYNC
DC/DC Controllers
3.5V
≤ VIN ≤ 36V, IOUT up to 20A, 0.8V ≤ VOUT ≤ 5V
LTC1629/LTC1629-PG
20A to 200A PolyPhase Synchronous Controllers
Expandable from 2-Phase to 12-Phase, No Heat Sink, VIN up to 36V
LTC1702A
No RSENSE
TM 2-Phase Dual Sync Step-Down Controller
550kHz, No Sense Resistor
LTC1703
No RSENSE 2-Phase Dual Synchronous Step-Down
Mobile Pentium
® III Processors, 550kHz,
Controller with 5-Bit Mobile VID Control
VIN ≤ 7V
LTC1708-PG
2-Phase, Dual Synchronous Controller with Mobile VID
3.5V
≤ VIN ≤ 36V, VID Sets VOUT1, PGOOD
LT
®1709/
High Efficiency, 2-Phase Synchronous Step-Down
1.3V
≤ VOUT ≤ 3.5V, Current Mode Ensures
LT1709-8
Switching Regulators with 5-Bit VID
Accurate Current Sharing, 3.5V
≤ VIN ≤ 36V
LTC1735
High Efficiency Synchronous Step-Down Regulator
Output Fault Protection, 16-Pin SSOP
LTC1736
High Efficiency Synchronous Controller with VID Control
Output Fault Protection, 24-Pin SSOP, 3.5V
≤ VIN ≤ 36V
LTC1778
No RSENSE Current Mode Sync Step-Down Controller
≤97% Efficiency, 4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ (0.9) (VIN),
IOUT ≤ 20A
LTC1929
2-Phase Synchronous Controllers
Up to 42A, No Heat Sinks, 3.5V
≤ VIN ≤ 36V
LTC3711
No RSENSE Current Mode Synchronous Step-Down
Up to 97% Efficiency, Ideal for Pentium III Processors,
Controller with Digital 5-Bit Interface
0.925V
≤ VOUT ≤ 2V, 4V ≤ VIN ≤ 36V, IOUT up to 20A
LTC3729
20A to 200A, 550kHz PolyPhase Synchronous Controller
Expandable from 2-Phase to 12-Phase, VIN up to 36V
LTC3730
3-Phase, 5-Bit Intel Mobile VID
0.6V
≤ VOUT ≤ 1.75V, IMVP3 Compatible
600kHz Synchronous Step-Down Controller
Up to 60A Output Current, Integrated MOSFET Drivers
LTC3731
3-Phase 600kHz Synchronous Step-Down Controller
0.6V
≤ VOUT ≤ 6V, 4.5V ≤ VIN ≤ 32V
IOUT up to 60A, Integrated MOSFET Drivers
LTC3778
Optional RSENSE Current Mode Synchronous
4V
≤ VIN ≤ 36V, Adjustable Frequency up to 1.2MHz,
Step-Down Controller
TSSOP-20 Package
RELATED PARTS
0.01
µF
10k
VID1 IN
SYNC IN
300kHz
27pF
1000pF
S1+
S1
S2+
5V
5V
S2
S3
S3+
VID1
PLLIN
PLLFLTR
FCB
IN+
IN
DIFFOUT
LTC3732
EAIN
SGND
SENSE1+
SENSE1
SENSE2+
SENSE2
SENSE3
SENSE3+
RUN/SS
ITH
VID2
VID0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
PGOOD
BOOST1
TG1
SW1
BOOST2
TG2
SW2
VCC
BG1
PGND
BG2
BG3
SW3
TG3
BOOST3
VID4
VID3
1000pF
OPTIONAL FOR
SYNCHRONIZATION
100
Ω, 1%
14.7k
VCC
5V TO 7V
VIN
M1
M2
D1
S1+
S1
L1
0.002
3.3nF
2.2k
330pF
0.01
µF
11.8k
60.4k
1000pF
1
µF
VID0 IN
VID4 IN
VID3 IN
3732 TA01
VIN: 5V TO 20V
VOUT: 1.1V TO 1.85V, 65A
SWITCHING FREQUENCY: 300kHz
CIN: SANYO OS-CON 25SP68M
COUT: 270µF/2V ×6 PANASONIC SP EEFSDOD271R
L1 TO L3: 0.8
µH SUMIDA CEP125-0R8
M1, M3, M5: IRF7811W
×2 OR FDS6688 ×2
M2, M4, M6: IRF7822
×2 OR Si7892DP ×2
PGOOD
47k
1
1000pF
VID2 IN
10
µF
0.1
µF
VCC
0.1
µF
0.1
µF
VCC
VCC
VIN
M3
M4
D2
S2+
S2
L2
0.002
VIN
M5
M6
D3
S3+
S3
L3
0.002
10
µF
6.3V
×3
COUT
VIN
3.3V TO 20V
VOUT
+
10
µF
25V
×5
CIN
68
µF
25V
+
VRON
BAT54
2N3904
PIN #s SHOWN ARE FOR THE 36 PIN SSOP PACKAGE
Figure 14. VRM9.0/9.1 65A Power Supply for Pentium
® 4 Processors
No RSENSE is a trademark of Linear Technology Corporation. Pentium is a registered trademark of Intel Corporation.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com