Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4802 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # S4802
Description  SONET/SDH/ATM OC-48 Transceiver With CDR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S4802 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  S4802 Datasheet HTML 1Page - Applied Micro Circuits Corporation S4802 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6290 Sequence Drive • San Diego, CA 92121 • Tel: 858 450-9333 • Fax: 858 450-9885 • http://www.amcc.com
AMCC reserves the right to make changes to its products, or
to discontinue any product or service without notice, and
advises its customers to obtain the latest version of relevant
information to verify, before placing orders, that the
information being relied upon is current.
AMCC is a registered trademark of Applied Micro Circuits
Corporation. Copyright © 2002 Applied Micro Circuits
Corporation. All Rights Reserved.
Distribute only on a need-to-know basis, and subject to applicable NDA. Not to be disclosed to or used by any other person without prior authorization.
Product Brief
S3155
SONET/SDH/ATM OC-48 Transceiver With CDR
PB1135_v1.01_05/09/03
2
Empowering Intelligent Optical Networks
Confidential and Proprietary
AMCC Suggested Interface Device
AMCC S4801 Amazon
STS-48c POS/ATM SONET Mapper
AMCC S4802 Missouri
SONET/SDH STS-48/STM-16 Framer/ Pointer Processor
AMCC S4804 Rhine
STS-48 SONET/SDH Framer and POS/ATM Mapper
AMCC S4805 Danube
SONET/SDH STS-48/STM-16 Framer/ Pointer Processor
AMCC S19201 Indus
STS-192 SONET/SDH Interleaver/ Disinterleaver
•
Dual 1.2 V and 3.3 V/2.5 V
supply
•
Complies with Telcordia and
ITU-T specifications
•
Built-in self test
Applications
•
Wavelength Division Multiplex-
ing (WDM) equipment
•
SONET/SDH-based transmis-
sion systems
•SONET/SDH modules
•
SONET/SDH test equipment
•
ATM over SONET/SDH
•
Add Drop Multiplexers (ADM)
•
Broad-band cross-connects
•
Fiber optic terminators
•
Fiber optic test equipment
Figure 2. S3155 Ordering Information
Prefix
Package
Device
S – Integrated Circuit
3155
PB - 196 PBGA
X
XXXX
XX
Prefix
Device
Package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com