Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF246B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF246B
Description  N-channel silicon junction field-effect transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF246B Datasheet(HTML) 3 Page - NXP Semiconductors

  BF246B Datasheet HTML 1Page - NXP Semiconductors BF246B Datasheet HTML 2Page - NXP Semiconductors BF246B Datasheet HTML 3Page - NXP Semiconductors BF246B Datasheet HTML 4Page - NXP Semiconductors BF246B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 Jul 29
3
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF246A; BF246B; BF246C;
BF247A; BF247B; BF247C
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
STATIC CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
Note
1. Measured under pulse conditions: tp = 300 µs; δ≤ 0.02.
DYNAMIC CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±25
V
IG
gate current
−
10
mA
Ptot
total power dissipation
up to Tamb =50 °C
−
400
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)GSS
gate-source breakdown voltage
IG = −1 µA; VDS =0
−25
−−
V
VGSoff
gate-source cut-off voltage
ID = 10 nA; VDS =15V
−0.6
−−14.5
V
VGS
gate-source voltage
ID = 200 µA; VDS =15V
BF246A; BF247A
−1.5
−−4.0
V
BF246B; BF247B
−3.0
−−7.0
V
BF246C; BF247C
−5.5
−−12.0
V
IDSS
drain current
VGS = 0; VDS = 15 V; note 1
BF246A; BF247A
30
−
80
mA
BF246B; BF247B
60
−
140
mA
BF246C; BF247C
110
−
250
mA
IGSS
gate leakage current
VGS = −15 V; VDS =0
−−−5nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Cis
input capacitance
ID = 10 mA; f = 1 MHz; VDS =15V
−
11
−
pF
Crs
reverse transfer capacitance
ID = 10 mA; f = 1 MHz; VDS =15V
−
3.5
−
pF
Cos
output capacitance
ID = 10 mA; f = 1 MHz; VDS =15V
−
5
−
pF
y
fs
forward transfer admittance
ID = 10 mA; f = 1 kHz; VDS =15V
8
17
−
mS
fgfs
cut-off frequency
gfs = 0.7 of its value at 1 kHz; VGS =0
−
450
−
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com