Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC680R Datasheet(PDF) 2 Page - BCM Advanced Research.

Part # BC680R
Description  Intel® R680E ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

BC680R Datasheet(HTML) 2 Page - BCM Advanced Research.

  BC680R Datasheet HTML 1Page - BCM Advanced Research. BC680R Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications and images are subject to change without notice. Last update:
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An Industry Leader in Industrial Motherboards
& Embedded Computing
BCMSales@bcmcom.com
(949) 470-1888
02/13/2023
Ordering Info
BC680R
Intel® R680E ATX Motherboard supports 12th Gen Intel®
Alder Lake Processor
Accessory
Included
1 x I/O Shield
BC680R
Mechanical & Environment
Power Type
AT/ATX
Power Connector
1 x 24-pin ATX 12V Connector
1 x 8-pin ATX 12V Connector
1 x 4-pin ATX 12V Connector
Operating Temp.
0 ~ 60°C (32 ~ 140°F)
Storage Temp.
-20 ~ 80°C (-4 ~ 176°F)
Op Humidity
5% to 90% non-condensing
Certification
Information
CE, FCC Class B, UL, RoHS Compliant
Dimensions
12” x 9.6” (305 x 244mm)
Weight
1.85 lbs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com