| Electronic Components Datasheet Search |
|
OD-08JS17AL Datasheet(PDF) 2 Page - Nel Frequency Controls,inc |
|
|
|||||||||||||||||||||||||||||
OD-08JS17AL Datasheet(HTML) 2 Page - Nel Frequency Controls,inc |
|
2 / 3 page ![]() CRYSTAL OSCILLATORS 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com Data Sheet 0635H OD-X8JXXXXX Series Parameter Symb Condition Min Typ Max Unit Note Absolute Maximum Ratings Input Break Down Voltage Vcc -0.5 5.5 V Storage temper. Ts -40 85 °C Control Voltage Vc -1 7 V Electrical Frequency F 8 10.000 160 MHz 1* vs. Temp. ±50 ppb See chart below Frequency stability ∆F/F vs. Supply 1 2 ppb/V Aging per day per year 5E-10 1E-7 after 30 days 5E-8 available2* Allan Variance .1s to 10s 1E-11 SSB Phase Noise 1Hz 10 Hz 100 Hz 1 KHz 10 KHz -90 -120 -150 -153 -160 dBc/Hz 3* Retrace After 30 minutes ±10 ppb G-sensitivity worst direction ±1.0 ppb/G Input Voltage Vcc 4.75 3.15 5.0 3.3 5.25 3.45 V See chart below to specify Power consumption P steady state, 25°C steady state, -30°C start-up @ -30°C 0.125 0.35 0.5 0.15 0.7 W Standard Operating Temperature, for Op Temp. 85 °C ad 20% Spectral Purity Subharmonics Spurious Harmonics/Sine -50 -35 -45 -80 -30 dBc At Higher Frequencies Load 10KOhm//15pF (HCMOS/TTL), 50 Ohm (Sinewave) Warm-up time τ to 0.1ppm accuracy 30 45 s Output Waveform 3.3V HCMOS/TTL compatible or Sinewave (+7± 3) dBm Control voltage Vc 0 Vref V Pull range from nominal F ±0.5 ±1 ppm Deviation slope Monotonic, posit 0.4 ppm/V Setability Vc0 @25°C, Fnom. Vref/2-1 Vref/2 Vref/2+1 V Environmental and Mechanical Operating temp. range -30°C to 70°C Standard, Other options – see chart below Mechanical Shock Per MIL-STD-202, 30G, 11ms Vibration Per MIL-STD-202, 5G to 2000 Hz Soldering Conditions 260°C for 10s Max leads only Electrical Connections Pin Out Pin #1-Vc ; Pin#2 – Vref; Pin #3 – Vcc; Pin #4- Output ; Pin #5- GND; Notes: 1* Higher frequencies can be achieved either by using higher frequency crystals or by low noise analog harmonic multiplication. Both methods have advantages and drawbacks. If lowest possible phase noise on the noise floor is most important – high frequency crystal will be used. If phase noise close to the carrier and aging are more important – multiplication will be used. Please consult factory for your specific requirement. 2* Aging rate is usually proportional to the operating frequency, unless higher frequency is achieved by multiplication. Keep it in mind while specifying aging. 3* Phase noise deteriorates with frequencies going higher. If analog multiplication is used to achieve higher frequency the phase noise roughly follows the formula of additional 20LogN, where N is a multiplication factor across entire frequency offset range. If higher frequency is achieved by using higher frequency crystal phase noise close to the carrier deteriorates due to the lower Q of the crystal and is usually worse, compared to multiplied solution. On the noise floor, however it remains more or less the same. This design usually starts utilizing multiplication techniques in the range of 25 MHz to 35 MHz. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |