Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB1695 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VB1695
Description  N-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB1695 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VB1695 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB1695 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB1695 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB1695 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB1695 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB1695 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB1695 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VB1695 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VB1695 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
MOSFET SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VDS = 0 V, ID = 250 µA
60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
55
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
8A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 1.9 A
0.0
75
Ω
VGS = 4.5 V, ID = 1.7 A
0.0
86
Forward Transconductancea
gfs
VDS = 15V, ID = 1.9 A
5S
Dynamicb
Input Capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
1
80
pF
Output Capacitance
Coss
2
2
Reverse Transfer Capacitance
Crss
1
3
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 1.9 A
4.
2
6.
1
nC
VDS = 30 V, VGS = 4.5 V, ID = 1.9 A
2.
1
3.
2
Gate-Source Charge
Qgs
0.
7
Gate-Drain Charge
Qgd
1
Gate Resistance
Rg
f = 1 MHz
0.6
2.
2
5.
1
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 20 Ω
ID ≅ 1.5 A, VGEN = 10 V, RG = 1 Ω
46
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
10
15
Fall Time
tf
710.5
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 20 Ω
ID = 1.5 A, VGEN = 4.5 V, RG = 1 Ω
15
23
ns
Rise Time
tr
16
24
Turn-Off Delay Time
td(off)
11
17
Fall Time
tf
11
17
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.
19
A
Pulse Diode Forward Currenta
ISM
7
Body Diode Voltage
VSD
IS = 1.5 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1.5 A, dI/dt = 100 A/µs, TJ = 25 °C
15
23
ns
Body Diode Reverse Recovery Charge
Qrr
10
15
nC
Reverse Recovery Fall Time
ta
12
ns
Reverse Recovery Rise Time
tb
3
VB1695
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com