Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5100B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5100B
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5100B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5100B Datasheet HTML 1Page - National Semiconductor (TI) LM5100B Datasheet HTML 2Page - National Semiconductor (TI) LM5100B Datasheet HTML 3Page - National Semiconductor (TI) LM5100B Datasheet HTML 4Page - National Semiconductor (TI) LM5100B Datasheet HTML 5Page - National Semiconductor (TI) LM5100B Datasheet HTML 6Page - National Semiconductor (TI) LM5100B Datasheet HTML 7Page - National Semiconductor (TI) LM5100B Datasheet HTML 8Page - National Semiconductor (TI) LM5100B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Input/Output Options
Part Number
Input Thresholds
Peak Output Current
LM5100A
CMOS
3A
LM5101A
TTL
3A
LM5100B
CMOS
2A
LM5101B
TTL
2A
LM5100C
CMOS
1A
LM5101C
TTL
1A
Connection Diagrams
Ordering Information
Ordering Number
Package Type
NSC Package Drawing
Supplied As
LM5100A/LM5101A M
SOIC 8
M08A
95 units shipped in anti static rails
LM5100A/LM5101A MX
SOIC 8
M08A
2500 shipped in Tape & Reel
LM5100A /LM5101A SD
LLP 10
SDC 10A
1000 shipped in Tape & Reel
LM5100A/LM5101A SDX
LLP 10
SDC 10A
4500 shipped in Tape & Reel
LM5100B/LM5101B MA
SOIC 8
M08A
95 units shipped in anti static rails
LM5100B/LM5101B MAX
SOIC 8
M08A
2500 shipped in Tape & Reel
LM5100B/LM5101B SD
LLP 10
SDC 10A
1000 shipped in Tape & Reel
LM5100B/LM5101B SDX
LLP 10
SDC 10A
4500 shipped in Tape & Reel
LM5100C/LM5101C MA
SOIC 8
M08A
95 units shipped in anti static rails
LM5100C/LM5101C MAX
SOIC 8
M08A
2500 shipped in Tape & Reel
LM5100C /LM5101C SD
LLP 10
SDC 10A
1000 shipped in Tape & Reel
LM5100C/LM5101C SDX
LLP 10
SDC 10A
4500 shipped in Tape & Reel
20203101
20203102
FIGURE 2.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com