Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2015EV Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMEG2015EV
Description  20 V, 1.5 A low VF Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2015EV Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMEG2015EV Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2015EV Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2015EV Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2015EV Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2015EV Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2015EV Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2015EV Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2015EV Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Nexperia
PMEG2015EV
20 V, 1.5 A low VF Schottky barrier diode
0.6
0.4
0.2
0
IF
(mA)
VF (V)
104
103
102
10
1
10- 1
mle111
(1)
(3)
(2)
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 1. Forward current as a function of forward
voltage; typical values
25
0
5
10
15
IR
(µA
)
20
VR (V)
105
104
103
102
10
1
mhc312
(1)
(2)
(3)
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 2. Reverse current as a function of reverse
voltage; typical values
0
5
Cd
(pF)
10
20
80
60
20
0
40
15
VR (V)
mhc313
Tamb = 25 °C
f = 1 MHz
Fig. 3. Diode capacitance as a function of reverse voltage; typical values
PMEG2015EV
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
28 December 2022
4 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com