Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B3863 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B3863
Description  3.3V, 10-Bit, 2-Port BusSwitch with SSTL-2 Enable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3863 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B3863 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3863 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3863 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PS8167D
01/05/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B3863
3.3V,10-Bit,2-PortBusSwitch
with SSTL-2Enable
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
1.8
2.5
mA
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN = 3.0V
(3)
1.9
2.5
mA
Input @ TTL HIGH
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values areat VCC=3.3V,+25°Cambient.
3. Per TTL driven input (control input only); A and B pins do not contribute to ICC.
SwitchingCharacteristicsoverOperatingRange
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. ThebusswitchcontributesnopropagationaldelayotherthantheRCdelayoftheONresistance
of the switch and the load capacitance. The time constant for the switch alone is of the order
of0.25nsfor50pFload.Sincethistimeconstantismuchsmallerthantherise/falltimesoftypical
driving signals, it adds very little propagational delay to the system. Propagational delay of
the bus switch when used in a system is determined by the driving circuit on the driving side
of the switch and its interaction with the load on the driven side.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
)
3
,
2
(
3
6
8
3
B
3
I
P
s
ti
n
U
.
m
o
C
.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
x
A
o
t
x
B
,
x
B
o
t
x
A
CL
R
,
F
p
0
5
=
L
0
0
5
=
Ω
1
s
n
t H
Z
P
t L
Z
P
e
m
i
T
el
b
a
n
E
s
u
B
x
B
r
o
x
A
o
t
E
B
CL
R
,
F
p
0
2
=
L
0
0
5
=
,
Ω
R0
0
5
=
,
Ω
13
CL
R
,
F
p
0
5
=
L
0
0
5
=
,
Ω
R0
0
5
=
,
Ω
15
.
3
t Z
H
P
t Z
L
P
e
m
i
T
el
b
a
si
D
s
u
B
x
B
r
o
x
A
o
t
E
B
CL
R
,
F
p
0
2
=
L
0
0
5
=
,
Ω
R0
0
5
=
,
Ω
12
.
3
CL
R
,
F
p
0
5
=
L
0
0
5
=
,
Ω
R0
0
5
=
,
Ω
18
.
3
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Pe
r
u
t
a
r
e
p
m
e
T
Q
3
6
8
3
B
3
I
P)
Q
(
P
O
S
Q
-
4
2C
°
5
8
+
o
t
C
°
0
4
–
L
3
6
8
3
B
3
I
P)
L
(
P
O
S
S
T
-
4
2C
°
5
8
+
o
t
C
°
0
4
–
Ordering Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com