Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4656ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4656ESA
Description  High-Current, 10ohm, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4656ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4656ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4656ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4656ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4656ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4656ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4656ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4656ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4656ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4656ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Detailed Description
The MAX4655–MAX4658 are single SPST CMOS ana-
log switches. The CMOS switch construction provides
rail-to-rail signal handling while consuming very little
power. The switch is controlled by a TTL/CMOS level
compatible digital input. The MAX4655/MAX4657 are
normally closed switches, and the MAX4656/MAX4658
are normally open switches.
These devices can be operated with either single
power supplies or dual power supplies. Operation at up
to ±20V supplies allows users a wide switching dynamic
range. Additionally, asymmetrical operation is possible
to tailor performance to a particular application.
These switches have been specifically designed to
handle high switch currents, up to 400mA peak current
and 300mA continuous currents. In order to do this, a
new technique is used to drive the body of the output
N-channel device. (Note: the basic switch between the
input NC/NO terminal, and the output common terminal
consists of an N-channel MOSFET and a P-channel
MOSFET in parallel.) The standard method limits opera-
tion to approximately a 600mV drop across the switch.
More than 600mV causes an increase in IdON leakage
current (due to the turn-on of on-chip parasitic diodes)
and an increase in V+ supply current. With the new
sensing method, there is no limitation to the voltage
drop across the switch. Current and voltage are limited
only by the power dissipation rating of the package and
the absolute maximum ratings of the switch.
When the analog input to output voltage drop is
approximately 7mV there is an increase in power sup-
ply current from typically 90µA to 2mA within a 1mV to
7mV range, caused by the new sensing/driving circuitry.
Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
First, connect GND, followed by V+, V-, and the remain-
ing pins. If power-supply sequencing is not possible,
add two small signal diodes (D1, D2) in series with sup-
ply pins (Figure 1). Adding diodes reduces the analog
signal range to one diode drop below V+ and one
diode drop above V-, but does not affect the devices’
low switch resistance and low leakage characteristics.
Device operation is unchanged, and the difference
between V+ and V- should not exceed 44V. The protec-
tion diode for the negative supply is not required when
V- is connected to GND.
Off-Isolation at High Frequencies
In 50Ω systems, the high-frequency on-response of
these parts extends from DC to above 100MHz, with a
typical loss of -2dB. When the switch is turned off, how-
ever, it behaves like a capacitor, and off-isolation
decreases with increasing frequency. This effect is
more pronounced with higher source and load imped-
ances. Above 5MHz, circuit board layout becomes
critical. The graphs shown in the Typical Operating
Characteristics were taken using a 50Ω source and
load connected with BNC connectors.
High-Current, 10Ω, SPST, CMOS
Analog Switches
_______________________________________________________________________________________
7
V+
COM_
V-
NO_
Vg
V+
V-
Figure 1. Overvoltage Protection Using Blocking Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com