Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF545C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BF545C
Description  N-channel silicon junction field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF545C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BF545C Datasheet HTML 4Page - NXP Semiconductors BF545C Datasheet HTML 5Page - NXP Semiconductors BF545C Datasheet HTML 6Page - NXP Semiconductors BF545C Datasheet HTML 7Page - NXP Semiconductors BF545C Datasheet HTML 8Page - NXP Semiconductors BF545C Datasheet HTML 9Page - NXP Semiconductors BF545C Datasheet HTML 10Page - NXP Semiconductors BF545C Datasheet HTML 11Page - NXP Semiconductors BF545C Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1996 Jul 29
8
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF545A; BF545B; BF545C
Fig.13 Drain current as a function of gate-source
voltage; typical values for BF545A.
VDS = 15 V; Tj =25 °C.
handbook, halfpage
MBB461
0
−3
−2
−1
103
102
10
1
10−1
10−2
10−3
ID
(
µA)
VGS (V)
Fig.14 Drain current as a function of gate-source
voltage; typical values for BF545B.
VDS = 15 V; Tj =25 °C.
handbook, halfpage
MBB458
0
−6
−4
−2
103
102
10
1
10−1
10−2
10−3
ID
(
µA)
VGS (V)
Fig.15 Drain current as a function of gate-source
voltage; typical values for BF545C.
VDS = 15 V; Tj =25 °C.
handbook, halfpage
0
−8
−6
−4
−2
103
102
10
1
10−1
10−2
10−3
MBB455
ID
(
µA)
VGS (V)
Fig.16 Gate current as a function of drain-gate
voltage; typical values.
ID = 10 mA only for BF545B and BF545C; Tj =25 °C.
handbook, halfpage
20
10
0
−102
−10
−1
−10−1
−10−2
MBB454
IG
(pA)
VDG (V)
IGSS
1 mA
ID = 10 mA
0.1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com