Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9755AST Datasheet(PDF) 9 Page - Analog Devices

Part # AD9755AST
Description  14-Bit, 300 MSPS High Speed TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9755AST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9755AST Datasheet HTML 5Page - Analog Devices AD9755AST Datasheet HTML 6Page - Analog Devices AD9755AST Datasheet HTML 7Page - Analog Devices AD9755AST Datasheet HTML 8Page - Analog Devices AD9755AST Datasheet HTML 9Page - Analog Devices AD9755AST Datasheet HTML 10Page - Analog Devices AD9755AST Datasheet HTML 11Page - Analog Devices AD9755AST Datasheet HTML 12Page - Analog Devices AD9755AST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. B
–9–
AD9755
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
60MHz/61MHz
@ 300MSPS
26MHz/27MHz
@ 130MSPS
40MHz/41MHz
@ 200MSPS
TPC 11. Two-Tone IMD (Third Order
Products) vs. AOUT @ fOUT = fDAC /5
fOUT (MHz)
75
65
50
160
20
0
70
60
55
40
60
80
100
120
45
40
140
IOUTFS = 20mA
IOUTFS = 10mA
IOUTFS = 5mA
TPC 14. SFDR vs. IOUTFS, fDAC =
300 MSPS @ 0 dBFS
CODE
2048
0
–1
0
1
2
4096
6144
8192
10240
14336
12288
16383
TPC 17. Typical DNL
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
60MHz/61MHz
@ 300MSPS
26MHz/27MHz
@ 130MSPS
40MHz/41MHz
@ 200MSPS
TPC 12. Two-Tone IMD (to Nyquist)
vs. AOUT @ fOUT = fDAC /5
TEMPERATURE ( C)
75
65
50
90
–30
–50
70
60
55
–10
10
30
50
45
40
70
80
10MHz
40MHz
120MHz
80MHz
TPC 15. SFDR vs. Temperature,
fDAC = 300 MSPS @ 0 dBFS
FREQUENCY (MHz)
–10
–30
–80
20
0
–20
–40
–70
40
60
100
120
–90
–100
140
0
–50
–60
80
fDAC = 300MSPS
fOUT1 = 24MHz
fOUT2 = 25MHz
fOUT3 = 26MHz
fOUT4 = 27MHz
fOUT5 = 28MHz
fOUT6 = 29MHz
fOUT7 = 30MHz
fOUT8 = 31MHz
SFDR = 58dBc
MAGNITUDE = 0dBFS
TPC 18. Eight-Tone SFDR @ fOUT
≈
fDAC /11, fDAC = 300 MSPS
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
18.18MHz/19.18MHz
@ 200MSPS
11.82MHz/12.82MHz
@ 130MSPS
27.27MHz/28.27MHz
@ 300MSPS
TPC 10. Two-Tone IMD (to Nyquist)
vs. AOUT @ fOUT = fDAC /11
fDAC (MHz)
90
70
85
300
50
80
60
50
100
150
200
250
75
65
55
TPC 13. SINAD vs. fDAC @ fOUT =
10 MHz, 0 dBFS
CODE
0
0
0.5
2048
–2.0
2.0
1.0
–1.5
–1.0
–0.5
1.5
4096
8192
6144
12288
10240
14336
16383
TPC 16. Typical INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com