Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-A142B-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SC-A142B-FREQ
Description  Frequency Range: 1.0 MHz to 80.0 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SC-A142B-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SC-A142B-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SC-A142B-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Creating a Part Number
SC - B142X - FREQ
Package Code
SC 4 pad 5x7 mm SMD
Input Voltage
Code
Specification
A
3.3 V
B
2.5 V
5 V
Tolerance/Performance
0 ±100 ppm 0-70°C
1 ±50 ppm 0-70°C
7 ±25 ppm 0-70°C
9 Customer Specific
A ±20 ppm 0-70°C
B ±50 ppm -40 to +85°C
C ±100 ppm -40 to +85°C
Description
The SC-B1420 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals
for bus connected systems. Supplying Pin 1 of the SC-B1420 units with a logic “1” or open enables its Pin 3
output. In the disable mode, Pin 3 presents a high impedance to the load.
Features
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• Low jitter - Wavecrest jitter characterization avail-
able
• Wide frequency range—1.0 MHz to 80.0 MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• 2.5 Volt operation
• High shock resistance, to 1000g
• No internal PLL avoids cascading PLL problems
• Metal lid electrically connected to ground to
reduce EMI
• Gold plated pads
• RoHS Compliant, Lead Free Construction
SC-B1420
Series
Size, mm
5 x 7
I/O
4 pad
Supply Voltage
3.3V / 2.5V / 5V
LVCMOS
SC-B1420 Series Rev -
Frequency Range: 1.0 MHz to 80.0 MHz
Drawing Specifications
Dimensions shown in inches and millimeters.
All tolerances are ±0.005 inches (±0.127mm) unless otherwise specified.
Electrical Connection
Pin
Connection
1
Enable/Disable
2
Ground
3
Output
4
VDD
For the most up to date speci-
fications on each NEL prod-
uct, log on to our website—
www.nelfc.com
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone: 262-763-3591
Fax: 262-763-2881 Email: nelsales@nelfc.com www.nelfc.com


Similar Part No. - SC-A142B-FREQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-A142B-FREQ ETC1-SC-A142B-FREQ Datasheet
41Kb / 2P
Crystal Clock Oscillators
logo
Nel Frequency Controls,...
SC-A142B-FREQ NEL-SC-A142B-FREQ Datasheet
44Kb / 2P
LVCMOS
More results

Similar Description - SC-A142B-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-A3670 NEL-SD-A3670 Datasheet
210Kb / 2P
Frequency Range: 70.0 MHz to 200.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
Frequency Range: 100.0 MHz to 320.0 MHz
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
Frequency Range: 10.0 MHz to 52.0 MHz
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
Frequency Range: 60.0 MHz to 200.0 MHz
SJ-A1420 NEL-SJ-A1420 Datasheet
291Kb / 2P
Frequency Range: 1.0 MHz to 80.0 MHz
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
Frequency Range: 10.0 MHz to 250.0 MHz
logo
RF Monolithics, Inc
XOC17 RFM-XOC17 Datasheet
419Kb / 2P
5 to 100 MHz Frequency Range
logo
Integrated Technology F...
240501B ITF-240501B Datasheet
171Kb / 2P
80.0 MHz SAW Filter
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
50 MHz to 1000 MHz Frequency Range
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
30 MHz to 3000 MHz Frequency Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com