Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESM-CFH Datasheet(PDF) 2 Page - BCM Advanced Research.

Part # ESM-CFH
Description  PICMG COM R3.0 Type 6 module, Intel® 9th/8th Gen Xeon®/ Core™ i7/i5/i3 Processors with CM246/QM370 Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ESM-CFH Datasheet(HTML) 2 Page - BCM Advanced Research.

  ESM-CFH Datasheet HTML 1Page - BCM Advanced Research. ESM-CFH Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update: 02/08/2018
Mechanical & Environment
Power Type
+9~ +19V
ACPI
Single power ATX Support S0, S3, S4, S5
ACPI 4.0 Compliant
Operating Temp
0 ~ 60 °C (32 ~ 140 °F)
Storage Temp
-40°C ~ 75°C (-40°F ~ 167°F)
Operating
Humidity
40°C @ 95% Relative Humidity, Non-condensing
Storage Humidity
5% ~ 90% Relative Humidity, Non-condensing
Form Factor
COM Express Modules
Dimensions
3.74” x 4.92” (125 x 95 mm)
Weight
0.44 lbs (0.2kg)
Ordering Info
ESM-CFH-2276ME
Intel® CM246 Xeon E-2276ME 2.8GHz 6 Cores, 3 x DDR4
SoDIMM, ECC, eDP/LVDS, VGA, DP/HDMI, 1 x Gbit LAN,
1 x PCIex16, 8 x PCIex1, 4 x SATA III, 4 x USB 3.2, 8 x USB
2.0, RAID, GPIO, Type 6
ESM-CFH-9850HE
Intel® QM370 Core i7-9850HE 2.7GHz 6 Cores, 3 x DDR4
SoDIMM, eDP/LVDS, VGA, DP/HDMI, 1 x Gbit LAN, 1 x
PCIex16, 8 x PCIex1, 4 x SATA III, 4 x USB 3.2, 8 x USB
2.0, RAID, GPIO, Type 6
ESM-CFH-8400H
Intel® QM370 Core i5-8400H 2.4GHz Quad Cores, 3 x
DDR4 SoDIMM, eDP/LVDS, VGA, DP/HDMI, 1 x Gbit LAN,
1 x PCIex16, 8 x PCIex1, 4 x SATA III, 4 x USB 3.2, 8 x USB
2.0, RAID, GPIO, Type 6
ESM-CFH-9100HL
Intel® QM370 Core i3-9100HL 1.6GHz Quad Cores, 3 x
DDR4 SoDIMM, eDP/LVDS, VGA, DP/HDMI, 1 x Gbit LAN,
1 x PCIex16, 8 x PCIex1, 4 x SATA III, 4 x USB 3.2, 8 x USB
2.0, RAID, GPIO, Type 6
ACC-ESMCFH-CL-1R
Cooler for ESM-CFH W/FAN H=44.6m
ACC-ESMCFH-SD-1R
Heatspreader for ESM-CFH H=8.0m
Mechanical & Environment
Power Type
+9~ +19V
ACPI
Single power ATX Support S0, S3, S4, S5
ACPI 4.0 Compliant
Operating Temp
0 ~ 60 °C (32 ~ 140 °F)
Storage Temp
-40°C ~ 75°C (-40°F ~ 167°F)
Operating
Humidity
40°C @ 95% Relative Humidity, Non-condensing
Storage Humidity
5% ~ 90% Relative Humidity, Non-condensing
Form Factor
COM Express Modules
Dimensions
3.74” x 4.92” (125 x 95 mm)
Weight
0.44 lbs (0.2kg)
ESM-CFH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com