Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS1215 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLS1215
Description  WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS1215 Datasheet(HTML) 2 Page - Texas Instruments

  TLS1215 Datasheet HTML 1Page - Texas Instruments TLS1215 Datasheet HTML 2Page - Texas Instruments TLS1215 Datasheet HTML 3Page - Texas Instruments TLS1215 Datasheet HTML 4Page - Texas Instruments TLS1215 Datasheet HTML 5Page - Texas Instruments TLS1215 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLS1215
WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
SLVS096A – OCTOBER 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
0 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Video output current (per channel)
28 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total power dissipation at (or below) 25
°C free-air temperature (see Note 2)
2.1 W
. . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All VCC pins must be externally wired together to prevent internal damage during VCC power-on/off cycles.
2. For operation above 25
°C free-air temperature, derate linearly to 1.5 W at the rate of 13 mW/°C.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC1 and VCC2
10.8
12
13.2
V
High-level input voltage, CLAMP GATE, VIH
Clamp comparators off
2.4
5
V
Low-level input voltage, CLAMP GATE, VIL
Clamp comparators on
0
0.8
V
High-level input voltage, BLANK GATE, VIH
Blanking circuit inactive
2.4
5
V
Low-level input voltage, BLANK GATE, VIL
Blanking circuit active
0
0.8
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics at 25
°C operating free-air temperature range, CLAMP GATE = 0 V,
BLANK GATE = 4 V, CLAMP(+) = 2 V, CONTRAST = R, G, B GAIN ADJUST = 4 V,
VCC1 = VCC2 = 12 V (see Figure 2) (unless otherwise noted)
PARAMETER
ALT SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
VCC1 + VCC2
78
90
100
mA
Vref
Video input reference voltage
Measure R, G, B VIDEO IN
2.1
2.3
2.6
V
II
Contrast, R, G, B gain adjust
input current
II
Measure CONTRAST and
B, G, R GAIN ADJUST
–1
– 2.5
µA
IIL
Clamp gate low input current
CLAMP GATE = 0 V
–1
– 2.5
µA
IIH
Clamp gate high input current
CLAMP GATE = 5 V
0.03
1
µA
Clamp capacitor charge current
IK(chg)
R, G, B CLAMP CAP = 0 V
– 850
µA
Clamp capacitor discharge current
IK(dschg)
R, G, B CLAMP CAP = 5 V
+ 850
µA
VOL
Low-level output voltage
R, G, B CLAMP CAP = 0 V
0.3
V
VOH
High-level output voltage
R, G, B CLAMP CAP = 5 V
7.8
V
VO(blanked) Blanked output voltage
Blanking circuit active
0.2
V
VO(diff)
Output voltage difference
VOdiff
Between any two channels
±0.5
±50
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com