Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8B01 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCF8B01
Description  TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8B01 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCF8B01 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPCF8B01
2003-04-08
1
TOSHIBA Multi-Chip Device
Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TPCF8B01
Notebook PC Applications
Portable Equipment Applications
• Low drain-source ON resistance: RDS (ON) = 72 mÙ (typ.)
• High forward transfer admittance: |Yfs| = 4.7 S (typ.)
• Low leakage current: IDSS = −10 ìA (max) (VDS = −20 V)
• Enhancement-model: Vth = −0.5 to −1.2 V(VDS =−10 V, ID = −200 ìA)
• Low forward voltage: VFM = 0.46V(typ.)
Maximum Ratings
MOSFET (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−20
V
Gate-source voltage
VGSS
±8
V
DC
(Note 1)
ID
−2.7
Drain current
Pulse
(Note 1)
IDP
−10.8
A
Single pulse avalanche energy
(Note 4)
EAS
1.2
mJ
Avalanche current
IAR
−1.35
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.11
mJ
SBD (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
20
V
Average forward current (Note 2a, 6)
IF(AV)
1.0
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
7(50Hz)
A
Maximum Ratings for MOSFET and SBD (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Single-device operation
(Note 3a)
PD (1)
1.35
Drain power
dissipation
(t
= 5 s) (Note 2a) Single-device value at
dual operation (Note 3b)
PD (2)
1.12
Single-device operation
(Note 3a)
PD (1)
0.53
Drain power
dissipation
(t
= 5 s) (Note 2b) Single-device value at
dual operation (Note 3b)
PD (2)
0.33
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For (Note 1), (Note 2), (Note 3), (Note 4), (Note 5), (Note 6) and (Note 7), please refer to the next page.
Unit: mm
JEDEC
JEITA
TOSHIBA
Weight: 0.011 g (typ.)
Circuit Configuration
Marking (Note 7)
8
1
5
4
F8A
1. Anode
5. Drain
2. Anode
6. Drain
3.Source
7. Cathode
4. Gate
8. Cathode
1
2
3
4
8
7
6
5


Similar Part No. - TPCF8B01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8B01 TOSHIBA-TPCF8B01 Datasheet
312Kb / 9P
Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCF8B01 TOSHIBA-TPCF8B01_07 Datasheet
324Kb / 9P
TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPCF8B01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
187Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8B01 TOSHIBA-TPCF8B01_07 Datasheet
324Kb / 9P
TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8J01 TOSHIBA-TPCP8J01_07 Datasheet
311Kb / 9P
TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com