Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OF-ABAX2C Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # OF-ABAX2C
Description  UHF SMD TCVCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OF-ABAX2C Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  OF-ABAX2C Datasheet HTML 1Page - Nel Frequency Controls,inc OF-ABAX2C Datasheet HTML 2Page - Nel Frequency Controls,inc OF-ABAX2C Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635B
OF-XBAXXXX Series
Rev. B
UHF SMD TCVCXO
Specifications
Parameter Symb
Condition
Min
Typ
Max
Unit
Note
Absolute Maximum Ratings
Input Break
Down Voltage
Vcc
-0.5
5.5
V
Storage temp.
Ts
-40
105
° C
Contr. Voltage
Vc
-1
9
V
Electrical
Frequency
Range
F
1.0
2.5
GHz
Input Voltage
Vcc
3.135
4.75
3.30
5.0
3.465
5.25
V
3*
5
Input Current
Icc
+3dBm Output
100
mA
Frequency Stab.
ΔF/F
Overall, available
±4.6
20 years
Frequency
Stability
ΔF/F
vs. Temperature
vs. Vcc
aging
±0.5
±0.1
±1
±3.5
±1
ppm
ppm/V
ppm/year
ppm
See chart
First Year
10 years
Calibration
ΔF/F
As shipped, 25ºC
±0.5
±1
ppm
Load
Internally AC-coupled 50 Ohm
Output power
P
Into 50 Ohm
0
3
dBm
Higher Power
available, consult
factory
Start up time
Ts
2
10
ms
Jitter
12KHz to 20MHz,
RMS
1.0
ps
Subharmonics
none
Spurious
-60
dBc
Harmonics
Sine-wave
-20
-12
dBc
SSB Phase Noise
@100 Hz
@1 KHz
@10 KHz
@100 KHz
-80
-95
-100
-120
dBc/Hz
@1,000 MHz
SSB Phase Noise
@100 Hz
@1 KHz
@10 KHz
@100 KHz
-75
-90
-98
-115
dBc/Hz
@2,000 MHz
Input
Impedance
> 10KOhm
Control voltage
Vc
0
3.3
V
Modulation
bandwidth
MB
100 Hz
Contact Factory for
wider MB
Deviation
Vc=0V to 3.3V,25°C
±5
±7
ppm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com