Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OF-0BAX3C Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # OF-0BAX3C
Description  UHF SMD TCVCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OF-0BAX3C Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  OF-0BAX3C Datasheet HTML 1Page - Nel Frequency Controls,inc OF-0BAX3C Datasheet HTML 2Page - Nel Frequency Controls,inc OF-0BAX3C Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635B
TCXO/TCVCXO Option
Code
Specification
X
No V. Control
V
W/ V. Control
OF-XBAXXXX Series
Rev. B
UHF SMD TCVCXO
Creating a Part Number
OF - X BA X XX X
Package Code
OF 5 Pad 25x22mm SMD
Description: The OF-XBAXXXX Series of SMD
temperature compensated, voltage controlled crystal oscillators
(TCVCXO), provides Ultra High Frequency with excellent
temperature stability, low phase noise in a small surface mount
FR4 based package.
Features
• Small, Low Profile SMD Package
• Low Phase Jitter and Phase Noise
• Excellent Frequency Stability
• Ultra High Frequency – up to 2.5 GHz
• Sine-Wave output
• Stratum3 available
Supply Voltage
Code
Specification
0
5V ±5%
A
3.3V ±5% *
Temperature Range
Code
Specification
E
-10°C to 60°C
B
0°C to 70°C
C
-20°C to 70°C
D
-40°C to 85°C
Temp. Frequency Stability
Code
Specification
1
±1.0 ppm
2
±2.5 ppm
3
±0.28 ppm
0.87 (22,0 mm)
0.4 (10.16 mm)
0.1 (2,5 mm)
0.1 (2,5 mm)
0.70 (17,8 mm)
1
2
3
5
4
1.0 (25,4 mm)
3
2
1
4
5


Similar Part No. - OF-0BAX3C

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OF-08HS17AL NEL-OF-08HS17AL Datasheet
87Kb / 3P
Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OF-08HS17AP NEL-OF-08HS17AP Datasheet
87Kb / 3P
Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OF-08HS17AS NEL-OF-08HS17AS Datasheet
87Kb / 3P
Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OF-08HS17BL NEL-OF-08HS17BL Datasheet
87Kb / 3P
Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OF-08HS17BP NEL-OF-08HS17BP Datasheet
87Kb / 3P
Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
More results

Similar Description - OF-0BAX3C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-XA3XXXX ETC1-SG-XA3XXXX Datasheet
162Kb / 3P
HF/UHF SMD TCVCXO
logo
IQD Frequency Products ...
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
TCVCXO
LFTVXO009916 IQD-LFTVXO009916 Datasheet
192Kb / 2P
TCVCXO
LFTVXO009918 IQD-LFTVXO009918 Datasheet
192Kb / 2P
TCVCXO
LFTVXO009920 IQD-LFTVXO009920 Datasheet
192Kb / 2P
TCVCXO
LFTVXO076345 IQD-LFTVXO076345 Datasheet
146Kb / 3P
TCVCXO
LFTVXO075804 IQD-LFTVXO075804 Datasheet
143Kb / 2P
TCVCXO
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
TCVCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com