Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS4066CSD Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PS4066CSD
Description  Low-Cost, Quad, SPST, CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4066CSD Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PS4066CSD Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8184A
10/15/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4066/PS4066A
Low-Cost, Quad, SPST, CMOS Analog Switches
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M )1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
ti
n
U
t
u
p
n
I
c
i
g
o
L
h
ti
w
t
n
e
rr
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
V
t
u
p
n
I
I H
N
I
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
5
=
N
I
ll
u
F
5
.
0
-5
0
0
.
05
.
0
µA
h
ti
w
t
n
e
rr
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
V
t
u
p
n
I
I L
N
I
V
5
=
s
r
e
h
t
o
ll
a
,
V
8
.
0
=
N
I5
.
0
-5
0
0
.
05
.
0
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V M
O
C
2
e
r
u
g
i
F
,
V
0
1
=
5
25
40
0
1
s
n
ll
u
F0
5
1
e
m
i
T
ff
O
-
n
r
u
Tt F
F
O
5
27
15
7
ll
u
F0
0
1
l
e
n
n
a
h
C
-
n
O
h
t
d
i
w
d
n
a
B
W
B
m
b
d
0
=
l
a
n
g
i
S
0
5
,
4
e
r
u
g
i
F
Ω
t
u
o
d
n
a
n
i
5
2
0
0
1z
H
M
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
,
F
n
1
=V N
E
G
R
,
V
0
=
N
E
G
0
= Ω,
3
e
r
u
g
i
F
20
1C
p
n
o
it
al
o
s
I
ff
OR
R
I
ORL
0
5
=
Ω C
, L
4
e
r
u
g
i
F
,z
H
M
1
=
f
,
F
p
5
=8
5
-
B
d
k
l
a
t
s
s
o
r
C
)
8
(
X K
L
A
T
RL
0
5
=
Ω C
, L
5
e
r
u
g
i
F
,z
H
M
1
=
f
,
F
p
5
=6
8
-
e
c
n
a
ti
c
a
p
a
C
O
NC )F
F
O
(
6
e
r
u
g
i
F
,z
H
M
1
=
f9
F
p
ff
O
M
O
C
e
c
n
a
ti
c
a
p
a
C
6
e
r
u
g
i
F
,z
H
M
1
=
f9
n
O
M
O
C
e
c
n
a
ti
c
a
p
a
C
C
)
N
O
(
M
O
C
7
e
r
u
g
i
F
,z
H
M
1
=
f2
2
y
l
p
p
u
S
y
l
p
p
u
S
e
v
it
i
s
o
P
t
n
e
rr
u
C
+
I
V NI
,
+
V
r
o
V
0
=
ff
o
r
o
n
o
sl
e
n
n
a
h
c
ll
a
ll
u
F
1
-1
0
0
.
01
µA
ci
n
o
m
r
a
H
l
a
t
o
T
n
o
it
r
o
t
si
D
D
H
T
3
0
.
0%
Electrical Specifications - Single +12V Supply (continued)
(V+ = 12V ±10%, GND = 0V, V
INH = 4V, VINL = 0.8V)
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in
this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RΟΝ = ∆RΟΝ max - ∆RΟΝ min
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNO or VNO) ], VCOM = 0utput, VNC /VNO = input to off switch
8. Between any two switches.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com