Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OF-ABAV3D Datasheet(PDF) 3 Page - Nel Frequency Controls,inc

Part # OF-ABAV3D
Description  UHF SMD TCVCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OF-ABAV3D Datasheet(HTML) 3 Page - Nel Frequency Controls,inc

  OF-ABAV3D Datasheet HTML 1Page - Nel Frequency Controls,inc OF-ABAV3D Datasheet HTML 2Page - Nel Frequency Controls,inc OF-ABAV3D Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635B
OF-XBAXXXX Series
Rev. B
UHF SMD TCVCXO
Environmental and Mechanical
Operating temp.
range
0°C to 70°C , -40°C to 85°C, see chart, page 1
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. E
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Soldering Conditions
See MAX reflow profile
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium (crystal only)
Electrical Connections
Pin Out
Pin #1- Voltage Control ; Pin #2 – N/C ; Pin #3 – Vcc; Pin#4 – Output; Pin #5 – GND
* Note: 3.3V supply is not available for all frequencies and performance. Please consult factory
Maximum solder reflow profile
SMD Reflow Profile
0
50
100
150
200
250
0
50
100
150
200
Time, s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com