Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS4066ACPD Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PS4066ACPD
Description  Low-Cost, Quad, SPST, CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4066ACPD Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PS4066ACPD Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4066ACPD Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4066ACPD Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4066ACPD Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4066ACPD Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4066ACPD Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4066ACPD Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4066ACPD Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4066ACPD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8184A
10/15/98
Features
•
Low On-Resistance
•
On-Resistance Matching Between Channels, 0.2Ω typ
•
On-Resistance Flatness, <2Ω typ
•
Low Off-Channel Leakage, <100pA @ +25oC
•
TTL/CMOS Logic Compatible
•
GND-to-V+ Analog Signal Dynamic Range
•
Low Power Consumption (<12µW)
•
Low Crosstalk: -86dB @ 1MHz
•
Low Off-Isolation: -58dB @ 1 MHz
•
Wide Bandwidth: > 100 MHz
•
Small QSOP-16 Package Saves Board Area
Applications
•
Instrumentation, ATE
•
Sample-and-Holds
•
Audio Switching and Routing
•
Telecommunication Systems
•
PBX, PABX
•
Battery-Powered Systems
N.C. = No Internal Connection
Switches shown for logic “0” input
Description
The PS4066/PS4066A are improved SPST CMOS analog
switches ideal for low-distortion audio switching. These high pre-
cision, medium voltage switches were designed to operate with
single-supplies from +3V to 16V. They are fully specified with
+12V, +5V, and +3V supplies. The PS4066/PS4066A has four
normally open (NO) switches. Each switch conducts current
equally well in either direction when on. In the off state each
switch blocks voltages up to the power-supply rails.
With +12V power supply, the PS4066/PS4066A guarantee <45
Ω
on-resistance. On-resistance matching between channels is within
2
Ω (PS4066). On-resistance flatness is less than 4Ω (PS4066A)
over the specified range. The PS4066A guarantees low leakage
currents (<100pA @ 25oC, <6nA @ +85oC) and fast switching
speeds (tON < 175ns). ESD sensitivity rating is >2,000V per
MIL-STD 883, Method 3015.7
Both devices are available in PDIP-14, narrow-body SOIC-14,
and QSOP-16 packages. Available temperature ranges are: com-
mercial (0oC to 70oC), and industrial (-40oC to +85oC).
For operation below 5V, the PI5A101/PI5A391/PI5A392 are also
recommended.
Top View
Functional Diagrams, Pin Configurations, and Truth Table
c
i
g
o
Lh
c
ti
w
S
0
1
F
F
O
N
O
Top View
QSOP
PDIP/SO
PS4066/PS4066A
Low-Cost, Quad, SPST, CMOS Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012


Similar Part No. - PS4066ACPD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS40 VISHAY-PS40 Datasheet
89Kb / 3P
Plate Capacitors with Contoured Rim - Class 2 Ceramic
14-Aug-02
PS40 VISHAY-PS40 Datasheet
96Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
14-Aug-02
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
ELECTRONIC PRESSURE SWITCH
PS40-102G-NAM COPAL-PS40-102G-NAM Datasheet
90Kb / 4P
PRESSURE SWITCHES
PS40-102G-NAR COPAL-PS40-102G-NAR Datasheet
90Kb / 4P
PRESSURE SWITCHES
More results

Similar Description - PS4066ACPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
Quad SPST CMOS Analog Switches
30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com