Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7B30 Datasheet(PDF) 3 Page - Analog Devices

Part # 7B30
Description  Isolated, Voltage or Current Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B30 Datasheet(HTML) 3 Page - Analog Devices

  7B30 Datasheet HTML 1Page - Analog Devices 7B30 Datasheet HTML 2Page - Analog Devices 7B30 Datasheet HTML 3Page - Analog Devices 7B30 Datasheet HTML 4Page - Analog Devices 7B30 Datasheet HTML 5Page - Analog Devices 7B30 Datasheet HTML 6Page - Analog Devices 7B30 Datasheet HTML 7Page - Analog Devices 7B30 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7B30
Rev. 0 | Page 3 of 8
7B30 Models Available
Model
Input Range
Output Range
7B30-01-1
0 mV to +10 mV
+1 V to +5 V
7B30-01-2
0 mV to +10 mV
0 V to +10 V
7B30-02-1
0 mV to +100 mV
+1 V to +5 V
7B30-02-2
0 mV to +100 mV
0 V to +10 V
7B30-03-1
0 V to +1 V
+1 V to +5 V
7B30-03-2
0 V to +1 V
0 V to +10 V
7B30-05-1
+1 V to +5 V
+1 V to +5 V
7B30-05-1
+4 mA to +20 mA1
+1 V to +5 V
7B30-05-2
+1 V to +5 V
0 V to +10 V
7B30-05-2
0 mA to +20 mA1
0 V to +10 V
7B30-06-1
-10 mV to +10 mV
+1 V to +5 V
7B30-06-2
-10 mV to +10 mV
0 V to +10 V
7B30-07-1
-100 mV to +100 mV
+1 V to +5 V
7B30-07-2
-100 mV to +100 mV
0 V to +10 V
7B30-08-1
-1 V to +1 V
+1 V to +5 V
7B30-08-2
-1 V to +1 V
0 V to +10 V
1Models 7B30-05-1 and 7B30-05-2 may be used to measure a process current input by installing a 250
Ω current sensing resistor, such as Model AC1391, on the backplane. With
this resistor installed, the current loop is maintained even when the module is removed from the backplane.
7B30 Specifications
(typical @ +23°C ±5°C and Vs = +24 V dc)
Description
Model 7B30
Range1
Standard Range
±10 mV to ±1 V (Refer to Model Table)
Custom Ranges
Not Available*
Output Range Options (RL > 2 kΩ)
+1 V to +5 V or 0 V to +10 V
Accuracy2
Initial @ +25°C
±0.01% Span (±0.1% Span, maximum)
Nonlinearity3
±0.02% Span, maximum
Input Offset vs. Temperature
±0.5 µV/°C
Zero Suppression vs. Temperature
±0.005% (Vz)
4/°C
Span vs. Temperature
±35 ppm/°C
Output Offset vs. Temperature
±0.002% Span/°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com