Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS-80J Datasheet(PDF) 1 Page - CUI Devices

Part # SDS-80J
Description  STANDARD DIN CONNECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SDS-80J Datasheet(HTML) 1 Page - CUI Devices

  SDS-80J Datasheet HTML 1Page - CUI Devices SDS-80J Datasheet HTML 2Page - CUI Devices SDS-80J Datasheet HTML 3Page - CUI Devices SDS-80J Datasheet HTML 4Page - CUI Devices SDS-80J Datasheet HTML 5Page - CUI Devices SDS-80J Datasheet HTML 6Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date 08/05/2022
page 1 of 6
SERIES: SDS-J | DESCRIPTION: STANDARD DIN CONNECTOR
cuidevices.com
FEATURES
• PCB mount
• right angle orientation
• 3~8, 13 pins
SDS - XX J
Base Number
PART NUMBER KEY
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
100
24
Vac
Vdc
rated input current
at 100 Vac
at 24 Vdc
2
1
A
A
contact resistance
30
mΩ
insulation resistance
at 250 Vdc
50
MΩ
voltage withstand
for 1 minute
250
Vac
insertion force
6.5
kg
withdrawal force
0.5
5
kg
operating temperature
-40
85
°C
storage temperature
-40
85
°C
life
1,000
cycles
flammability rating
UL94V-0
RoHS
yes
Pin Options
30* = 3 pins
40 = 4 pins
50 = 5 pins, 180 degrees
60 = 6 pins
70 = 7 pins
80 = 8 pins
SDD-130J = 13 pins
Notes:
*Discontinued model SDS-30J
Additional Resources: Product Page | PCB Footprint


Similar Part No. - SDS-80J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDS-80J CUI-SDS-80J Datasheet
347Kb / 6P
STANDARD DIN CONNECTOR
SDS-80J CUI-SDS-80J Datasheet
421Kb / 6P
STANDARD DIN CONNECTOR
SDS-80J-SMT CUI-SDS-80J-SMT Datasheet
291Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 8 PIN
More results

Similar Description - SDS-80J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
STANDARD DIN CONNECTOR
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
STANDARD DIN CONNECTOR
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com