Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBP01P1-508 Datasheet(PDF) 2 Page - CUI Devices

Part # TBP01P1-508
Description  TERMINAL BLOCK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

TBP01P1-508 Datasheet(HTML) 2 Page - CUI Devices

  TBP01P1-508 Datasheet HTML 1Page - CUI Devices TBP01P1-508 Datasheet HTML 2Page - CUI Devices TBP01P1-508 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | SERIES: TBP01P1-508 | DESCRIPTION: TERMINAL BLOCK
date 08/15/2022 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
DESCRIPTION
MATERIAL
PLATING/COLOR
housing
PA66 (UL94V-0)
contacts
copper alloy
nickel
wire screws
steel
zinc
block
copper alloy
nickel
This series is constructed of single piece modules where L is the total length, P is the pitch, and N is the number of poles.
N
02
03
04
05
06
07
08
09
10
11
12
13
L
10.16
15.24
20.32
25.40
30.48
35.56
40.64
45.72
50.80
55.88
60.96
66.04
B
5.08
10.16
15.24
20.32
25.40
30.48
35.56
40.64
45.72
50.80
55.88
60.96
N
14
15
16
17
18
19
20
21
22
23
24
--
L
71.12
76.20
81.28
86.36
91.44
96.52
101.60
106.68
111.76
116.84
121.92
--
B
66.04
71.12
76.20
81.28
86.36
91.44
96.52
101.60
106.68
111.76
116.84
--
WIRE ASSEMBLY
UL
IEC
Wire Range
28~12 AWG
2.5 mm2
Strip Length
7 mm
Screw Size
M3
Screw Torque
0.5 N·m
units: mm
tolerance (per module):
X≤6.00: ±0.25 mm
6.00<X≤30.00: ±0.40 mm
30.00<X≤60.00: ±0.60 mm
60.00<X≤150.00: ±1.00 mm
unless otherwise noted
2 Pole Module
Section A-A
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com