Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJ2-BH-TH Datasheet(PDF) 1 Page - CUI Devices

Part # UJ2-BH-TH
Description  USB RECEPTACLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

UJ2-BH-TH Datasheet(HTML) 1 Page - CUI Devices

  UJ2-BH-TH Datasheet HTML 1Page - CUI Devices UJ2-BH-TH Datasheet HTML 2Page - CUI Devices UJ2-BH-TH Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
SERIES: UJ2-BH-TH | DESCRIPTION: USB RECEPTACLE
cuidevices.com
FEATURES
• USB type B jack
• USB 2.0
• horizontal orientation
• through hole mounting
• insulator color options
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
USB standard
USB 2.0
rated input voltage
30
Vac
rated input current
1.0
A
contact resistance1
between terminals and mating plug
30
mΩ
insulation resistance
1000
MΩ
voltage withstand
for 1 minute
500
Vac
insertion force
35
N
withdrawal force
10
N
operating temperature
-20
85
°C
life
1,500
cycles
flammability rating
UL94V-0
RoHS
yes
Note:
1. When measured at 20 mV / 100 mA.
2. All specifications measured at 15~35°C, humidity at 25~85%, under atmospheric pressure of 86~106 kPa, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
dipped in solder pot for 5 ±0.5 seconds
240
°C
PART NUMBER KEY
Base Number
Contact Plating
Thickness (gold):
1 = 3
µ”
2 = 6
µ”
4 = 30
µ”
UJ2-BH - X X - TH
Insulator Color:
“blank” = black
W = white
BL1 = blue
Packaging Style:
TH = through hole
Notes:
1. Blue insulator option only
available with 3
µ” plating
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - UJ2-BH-TH

ManufacturerPart #DatasheetDescription
logo
CUI INC
UJ2-BH-TH CUI-UJ2-BH-TH Datasheet
288Kb / 3P
USB JACK
UJ2-BH-TH CUI-UJ2-BH-TH Datasheet
307Kb / 3P
USB RECEPTACLE
04/07/2022
UJ2-BH-TH CUI-UJ2-BH-TH_V01 Datasheet
307Kb / 3P
USB RECEPTACLE
04/07/2022
More results

Similar Description - UJ2-BH-TH

ManufacturerPart #DatasheetDescription
logo
CUI INC
UJ31-CH-G2-SMT-TR CUI-UJ31-CH-G2-SMT-TR Datasheet
519Kb / 5P
USB RECEPTACLE
UJ31-CH-3-MSMT-TR-67 CUI-UJ31-CH-3-MSMT-TR-67 Datasheet
649Kb / 6P
USB RECEPTACLE
UJ2W-MIBH-4-SMT-TR CUI-UJ2W-MIBH-4-SMT-TR Datasheet
858Kb / 5P
USB RECEPTACLE
UJ2-ADH-TH CUI-UJ2-ADH-TH_V01 Datasheet
309Kb / 3P
USB RECEPTACLE
04/07/2022
UJ2-AH-SMT CUI-UJ2-AH-SMT_V01 Datasheet
357Kb / 4P
USB RECEPTACLE
04/07/2022
UJ2-BH-TH CUI-UJ2-BH-TH_V01 Datasheet
307Kb / 3P
USB RECEPTACLE
04/07/2022
UJ2-MBH-SMT CUI-UJ2-MBH-SMT_V01 Datasheet
357Kb / 4P
USB RECEPTACLE
04/07/2022
UJ2-MIBH-4-SMT-TR-67 CUI-UJ2-MIBH-4-SMT-TR-67_V01 Datasheet
515Kb / 5P
USB RECEPTACLE
04/19/2022
UJ31-CH-3-MSMT-TR-67 CUI-UJ31-CH-3-MSMT-TR-67_V01 Datasheet
671Kb / 6P
USB RECEPTACLE
04/05/2022
UJ31-CH-G1-SMT-TR CUI-UJ31-CH-G1-SMT-TR_V01 Datasheet
979Kb / 5P
USB RECEPTACLE
04/06/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com