Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V16 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82V16
Description  16-Bit CCD/CIS Analog Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V16 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82V16 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V16 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V16 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V16 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V16 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V16 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V16 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V16 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V16 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT82V16
16-Bit CCD/CIS Analog Signal Processor
Block Diagram
Rev. 1.10
1
June 7, 2001
Features
·
Low power CMOS: 350mW
·
9 ADC clock latency for digital data output
·
16-bit 6 MSPS A/D converter
·
3-channel correlated double sampler
·
1~6 programmable gain
·
Input clamp circuitry for CDS-mode
·
Internal/external circuit for CIS
·
Internal/external voltage reference
·
Internal MUX for channel operation
·
1 or 3-channel operation
·
Pixel-rate switch operation
·
Programmable 3-wire serial interface
·
+5V digital I/O compatibility
·
28-pin SOP (300mil) package
CL P
CL P
CL P
CDS
CDS
CDS
3 ´ 2 b i t s
C oar s e
Ga i n
3 ´ 8 bi t s
DA C
Of f s e t
VG A
+
+
+
VG A
VG A
MU X
16- bi t
AD C
PG A
3 ´ 5 bi t s
Fin e
Ga i n
C onf i g
R egi s t er
C ont r o l
Po r t
D 15~ D 0
SC L K
CS
SD AT A
Pi x e l R a t e
G uar ant e e
OE
V o l t age R e f e r enc e
O F FS E T
R E FT
C M L
R E F
CDS C L K 1
C DS CL K 2
AD C C L K
RI N
GI N
BI N
General Description
The HT82V16 is a complete analog signal pro-
cessor for CCD imaging applications. It fea-
tures a 3-channel architecture designed to
sample and condition the outputs of the
trilinear color CCD arrays. Each channel con-
sists of an input clamp, Correlated Double
Sampler (CDS), offset DAC and Programmable
Gain Amplifier (PGA), multiplexed to a high
performance 16-bit A/D converter.
The CDS amplifiers may be disabled for use
with sensors such as Contact Image Sensors
(CIS) and CMOS active pixel sensors, which do
not require CDS.
The 16-bit digital output is multiplexed into an
8-bit output word that is accessed using two
read cycles. The internal registers are pro-
grammed through a 3-wire serial interface,
which provides gain, offset, and operating mode
adjustments.


Similar Part No. - HT82V16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
14-Bit CCD/CIS Analog Signal Processor
July 12, 2000
More results

Similar Description - HT82V16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
June 24, 2004
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
16-Bit CCD/CIS Analog Signal Processor
June 29, 2004
HT82V26A HOLTEK-HT82V26A Datasheet
196Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
August 16, 2005
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
Single-channel 16-Bit CCD/CIS Analog Signal Processor
December 8, 2010
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
M1008 UTC-M1008_15 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
February 8, 2012
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
November 10, 2008
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
August 13, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com