Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8220ARMZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD8220ARMZ
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8220ARMZ Datasheet HTML 19Page - Analog Devices AD8220ARMZ Datasheet HTML 20Page - Analog Devices AD8220ARMZ Datasheet HTML 21Page - Analog Devices AD8220ARMZ Datasheet HTML 22Page - Analog Devices AD8220ARMZ Datasheet HTML 23Page - Analog Devices AD8220ARMZ Datasheet HTML 24Page - Analog Devices AD8220ARMZ Datasheet HTML 25Page - Analog Devices AD8220ARMZ Datasheet HTML 26Page - Analog Devices AD8220ARMZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD8220
Rev. 0 | Page 23 of 28
APPLICATIONS
AC-COUPLED INSTRUMENTATION AMPLIFIER
Measuring small signals that are in the amplifier’s noise or offset
can be a challenge. Figure 64 shows a circuit that can improve
the resolution of small ac signals. The large gain reduces the
referred input noise of the amplifier to 14 nV/√Hz. Thus,
smaller signals can be measured since the noise floor is lower.
DC offsets that would have been gained by 100 are eliminated
from the AD8220 output by the integrator feedback network.
At low frequencies, the OP1177 forces the AD8220 output to
0 V. Once a signal exceeds fHIGH-PASS, the AD8220 outputs the
amplified input signal.
DIFFERENTIAL OUTPUT
In certain applications, it is necessary to create a differential
signal. New high resolution analog-to-digital converters often
require a differential input. In other cases, transmission over a
long distance can require differential processing for better
immunity to interference.
Figure 65 shows how to configure the AD8220 to output a
differential signal. An OP1177 op amp is used to create a
differential voltage. Errors from the op amp are common to
both outputs and are thus common mode. Likewise, errors from
using mismatched resistors cause a common-mode dc offset
error. Such errors are rejected in differential signal processing
by differential input ADCs or instrumentation amplifiers.
When using this circuit to drive a differential ADC, VREF can be
set using a resistor divider from the ADC’s reference to make
the output ratiometric with the ADC as shown in Figure 66.
AD8220
OP1177
R
15.8kΩ
+VS
+IN
–IN
0.1µF
0.1µF
0.1µF
0.1µF
10µF
10µF
REF
C
1µF
–VS
–VS
+VS
+VS
–VS
R
499Ω
1
2πRC
fHIGH-PASS =
VREF
Figure 64. AC-Coupled Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com