Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL02X1 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 9FGL02X1
Description  3.3V PCIe Gen1–5 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL02X1 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 9FGL02X1 Datasheet HTML 19Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 20Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 21Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 22Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 23Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 24Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 25Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 26Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
23
©2019-2022 Renesas Electronics Corporation
December 1, 2022
9FGL02x1/04x1/06x1/08x1 Datasheet
Bytes 8 and 9 are Reserved
Table 25. Byte 5: Revision and Vendor ID Register
Byte 5
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Revision ID
VENDOR ID
Type
R
R
R
R
R
R
R
R
0
C rev = 0010
0001 = Renesas
1
Name
RID3
RID2
RID1
RID0
VID3
VID2
VID1
VID0
Table 26. Byte 6: Device Type/Device ID Register
Byte 6
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Device Type
Device ID
Type
R
R
R
R
R
R
R
R
0
00 = FGL
9FGL08 = 0b00100
9FGL06 = 0b00110
9FGL04 = 0b00100
9FGL02 = 0b00010
1
Name
Device Type1 Device Type0
Device ID5
Device ID4
Device ID3
Device ID2
Device ID1
Device ID0
Table 27. Byte 7: Byte Count Register
Byte 7
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Reserved
Reserved
Reserved
Byte Count Programming
Type
RW
RW
RW
RW
RW
0
Writing to this register will configure how many bytes will be read back.
1
Name
BC4
BC3
BC2
BC1
BC0
Default
x
x
x
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com